Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320C6201GJCA20EP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SM320C6201GJCA20EP
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6201GJCA20EP Datasheet(HTML) 2 Page - Texas Instruments

  SM320C6201GJCA20EP Datasheet HTML 1Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 2Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 3Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 4Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 5Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 6Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 7Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 8Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
SM320C6201-EP
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SGUS041A -- MAY 2003 -- REVISED JANUARY 2004
2
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
GJC/GJL
352-PIN BALL GRID ARRAY (BGA) PACKAGES
(BOTTOM VIEW)
AF
AD
AB
AA
AC
W
Y
U
V
AE
R
N
P
L
H
J
K
M
F
G
D
E
B
A
C
T
25
26
22
23
20
19 21
17
15
16
12
13
14
18
10
9
8
7
5
6
4
3
2
111
24
Table of Contents
parameter measurement information
27
...............
input and output clocks
28
...........................
asynchronous memory timing
30
.....................
synchronous-burst memory timing
32
.................
synchronous DRAM timing
36
.......................
HOLD/HOLDA timing
40
............................
reset timing
41
.....................................
external interrupt timing
43
..........................
host-port interface timing
44
.........................
multichannel buffered serial port timing
47
.............
DMAC, timer, power-down timing
56
..................
JTAG test-port timing
57
............................
mechanical data
58
.................................
GJC BGA package (bottom view)
2
......................
description
2
.........................................
device characteristics
3
................................
functional and CPU (DSP core) block diagram
4
...........
CPU (DSP core) description
5
..........................
signal groups description
7
.............................
signal descriptions
9
...................................
development support
20
...............................
documentation support
23
..............................
clock PLL
24
.........................................
power-supply sequencing
25
...........................
absolute maximum ratings over operating case
temperature ranges
26
............................
recommended operating conditions
26
...................
electrical characteristics over recommended ranges of
supply voltage and operating case temperature
26
....
description
The TMS320C62x™ DSPs (including the SM320C6201-EP) are the fixed-point DSP family in the
TMS320C6000™ DSP platform. The C6201 device is based on the high-performance, advanced VelociTI™
very-long-instruction-word (VLIW) architecture developed by Texas Instruments (TI), making these DSPs an
excellent choice for multichannel and multifunction applications. With performance of up to 1600 MIPS at a
clock rate of 200 MHz, the C6201 offers cost-effective solutions to high-performance DSP programming
challenges. The C6201 DSP possesses the operational flexibility of high-speed controllers and the numerical
capability of array processors. The processor has 32 general-purpose registers of 32-bit word length and eight
highly independent functional units. The eight functional units provide six arithmetic logic units (ALUs) for a high
degree of parallelism and two 16-bit multipliers for a 32-bit result. The C6201 can produce two
multiply-accumulates (MACs) per cycle—for a total of 466 million MACs per second (MMACS). The C62x™
DSP also has application-specific hardware logic, on-chip memory, and additional on-chip peripherals.
TMS320C6000, C6000, and C62x are trademarks of Texas Instruments.
Windows is a registered trademark of the Microsoft Corporation.
The SM320C6201-EP device shall be referred to as C6201 throughout the remainder of this document.


Similar Part No. - SM320C6201GJCA20EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320C6201GLE TI-SM320C6201GLE Datasheet
1Mb / 73P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C6201GLP TI-SM320C6201GLP Datasheet
1Mb / 73P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - SM320C6201GJCA20EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com