Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R60G226M Datasheet(PDF) 9 Page - Texas Instruments

Part # GRM188R60G226M
Description  3-MHz 2-A Step-Down Converter in 2-mm2-mm SON Package
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GRM188R60G226M Datasheet(HTML) 9 Page - Texas Instruments

Back Button GRM188R60G226M Datasheet HTML 5Page - Texas Instruments GRM188R60G226M Datasheet HTML 6Page - Texas Instruments GRM188R60G226M Datasheet HTML 7Page - Texas Instruments GRM188R60G226M Datasheet HTML 8Page - Texas Instruments GRM188R60G226M Datasheet HTML 9Page - Texas Instruments GRM188R60G226M Datasheet HTML 10Page - Texas Instruments GRM188R60G226M Datasheet HTML 11Page - Texas Instruments GRM188R60G226M Datasheet HTML 12Page - Texas Instruments GRM188R60G226M Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
2.5
3
3.5
4
4.5
5
5.5
6
V -InputVoltage-V
I
T =85°C
A
T =25°C
A
T =-40°C
A
0
0.25
0.50
0.75
1
0
5
10
15
20
25
2.5
3
3.5
4
4.5
5
5.5
6
V -InputVoltage-V
I
T =85°C
A
T =25°C
A
T =-40°C
A
2.8
2.85
2.9
2.95
3
3.05
3.1
T =85°C
A
T =25°C
A
T =-40°C
A
2.5
3
3.5
4
4.5
5
5.5
6
V -InputVoltage-V
I
0
0.02
0.04
0.06
0.08
0.1
0.12
2.5
3
3.5
4
4.5
5
5.5
6
V -InputVoltage-V
I
T =85°C
J
T =25°C
J
T =-40°C
J
TLV620612-Q1
www.ti.com
SLVSB93A – JANUARY 2012 – REVISED MARCH 2012
SHUTDOWN CURRENT
QUIESCENT CURRENT
vs
vs
INPUT VOLTAGE AND AMBIENT TEMPERATURE
INPUT VOLTAGE
Figure 7.
Figure 8.
OSCILLATOR FREQUENCY
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 9.
Figure 10. Low-Side Switch
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TLV620612-Q1


Similar Part No. - GRM188R60G226M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GRM188R60G226M TI-GRM188R60G226M Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
GRM188R60G226M TI1-GRM188R60G226M Datasheet
786Kb / 22P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
GRM188R60G226M TI1-GRM188R60G226M Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
GRM188R60G226M TI1-GRM188R60G226M Datasheet
4Mb / 48P
[Old version datasheet]   4A Processor Supply with I2C Compatible Interface and Remote Sense
logo
Kinetic Technologies.
GRM188R60G226ME KINETIC-GRM188R60G226ME Datasheet
1Mb / 25P
   3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
December 2021 - Revision 04b
More results

Similar Description - GRM188R60G226M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62590-Q1 TI-TPS62590-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS62590-Q1 Automotive 2.25-MHz 1-A Step-Down Converter In 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
[Old version datasheet]   High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TPS62065-Q1 TI1-TPS62065-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6206x-Q1 3-MHz 2-A Step-Down Converter in 2 SON Package
TPS62065-Q1 TI1-TPS62065-Q1_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS6206x-Q1 3-MHz, 2-A, Automotive Step-Down Converter in 2 × 2 SON Package
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com