Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL10A226MQ8NRNC Datasheet(PDF) 6 Page - Texas Instruments

Part # CL10A226MQ8NRNC
Description  3-MHz 2-A Step-Down Converter in 2-mm2-mm SON Package
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CL10A226MQ8NRNC Datasheet(HTML) 6 Page - Texas Instruments

Back Button CL10A226MQ8NRNC Datasheet HTML 2Page - Texas Instruments CL10A226MQ8NRNC Datasheet HTML 3Page - Texas Instruments CL10A226MQ8NRNC Datasheet HTML 4Page - Texas Instruments CL10A226MQ8NRNC Datasheet HTML 5Page - Texas Instruments CL10A226MQ8NRNC Datasheet HTML 6Page - Texas Instruments CL10A226MQ8NRNC Datasheet HTML 7Page - Texas Instruments CL10A226MQ8NRNC Datasheet HTML 8Page - Texas Instruments CL10A226MQ8NRNC Datasheet HTML 9Page - Texas Instruments CL10A226MQ8NRNC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Zero-Pole
AMP.
Integrator
Error Amp.
PFM Comparator
PWM
Comp.
VREF
Control
Stage
Gate Driver
Anti
Shoot-Through
Current
Limit Comparator
Current
Limit Comparator
VREF
FB
SW
EN
AVIN
Softstart
VOUT RAMP
CONTROL
Thermal
Shutdown
Reference
0.6V VREF
Undervoltage
Lockout 1.8V
Limit
High Side
Limit
Low Side
Sawtooth
Generator
FB
AGND
PVIN
PGND
3MHz
Clock
R
Discharge
MODE
L: LQH44PN1R0NP0, L = 1.0 H,Murata,
NRG4026T1R2, L =
Taiyo Yuden
C /C
: GRM188R60J106U, Murata 0603 size
1.2 H,
IN
OUT
m
m
L
1.0 H/1.2 H
µ
µ
V
= 2.9 V to 5.5 V
IN
PVIN
AVIN
EN
MODE
AGND
PGND
SW
FB
C
10 F
OUT
µ
V
up to 2.0 A
OUT
C
10 F
IN
µ
TLV620612-Q1
TLV620612-Q1
SLVSB93A – JANUARY 2012 – REVISED MARCH 2012
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
Vertical spacer
Vertical spacer
PARAMETER MEASUREMENT INFORMATION
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :TLV620612-Q1


Similar Part No. - CL10A226MQ8NRNC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CL10A226MQ8NRNC TI-CL10A226MQ8NRNC Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
CL10A226MQ8NRNC TI1-CL10A226MQ8NRNC Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
logo
Microchip Technology
CL10A226MQ8NRNC MICROCHIP-CL10A226MQ8NRNC Datasheet
1Mb / 44P
   Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
Revision A July 2020
More results

Similar Description - CL10A226MQ8NRNC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62590-Q1 TI-TPS62590-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS62590-Q1 Automotive 2.25-MHz 1-A Step-Down Converter In 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
[Old version datasheet]   High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TPS62065-Q1 TI1-TPS62065-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6206x-Q1 3-MHz 2-A Step-Down Converter in 2 SON Package
TPS62065-Q1 TI1-TPS62065-Q1_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS6206x-Q1 3-MHz, 2-A, Automotive Step-Down Converter in 2 × 2 SON Package
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com