Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG103UA-3.3G4 Datasheet(PDF) 1 Page - Texas Instruments

Part # REG103UA-3.3G4
Description  500mA Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG103UA-3.3G4 Datasheet(HTML) 1 Page - Texas Instruments

  REG103UA-3.3G4 Datasheet HTML 1Page - Texas Instruments REG103UA-3.3G4 Datasheet HTML 2Page - Texas Instruments REG103UA-3.3G4 Datasheet HTML 3Page - Texas Instruments REG103UA-3.3G4 Datasheet HTML 4Page - Texas Instruments REG103UA-3.3G4 Datasheet HTML 5Page - Texas Instruments REG103UA-3.3G4 Datasheet HTML 6Page - Texas Instruments REG103UA-3.3G4 Datasheet HTML 7Page - Texas Instruments REG103UA-3.3G4 Datasheet HTML 8Page - Texas Instruments REG103UA-3.3G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
DMOS
500mA Low-Dropout Regulator
FEATURES
q NEW DMOS TOPOLOGY:
Ultra Low Dropout Voltage:
115mV Typ at 500mA and 3.3V Output
Output Capacitor NOT Required for Stability
q FAST TRANSIENT RESPONSE
q VERY LOW NOISE: 33
µVrms
q HIGH ACCURACY:
±2% max
q HIGH EFFICIENCY:
IGND = 1mA at IOUT = 500mA
Not Enabled: IGND = 0.5µA
q 2.5V, 2.7V, 3.0V, 3.3V, 5.0V, AND ADJUSTABLE
OUTPUT VERSIONS
q FOLDBACK CURRENT LIMIT
q THERMAL PROTECTION
q OUTPUT VOLTAGE ERROR INDICATOR(1)
q SMALL SURFACE-MOUNT PACKAGES:
SOT223-5, DDPAK-5, SO-8
APPLICATIONS
q PORTABLE COMMUNICATION DEVICES
q BATTERY-POWERED EQUIPMENT
q PERSONAL DIGITAL ASSISTANTS
q MODEMS
q BAR-CODE SCANNERS
q BACKUP POWER SUPPLIES
DESCRIPTION
The REG103 is a family of low-noise, low-dropout, linear
regulators with low ground pin current. Its new DMOS
topology provides significant improvement over previous
designs, including low-dropout voltage (only 115mV typ at
full load), and better transient performance. In addition, no
output capacitor is required for stability, unlike conventional
low-dropout regulators that are difficult to compensate and
require expensive low ESR capacitors greater than 1
µF.
Typical ground pin current is only 1mA (at IOUT = 500mA)
and drops to 0.5
µA in not enabled mode. Unlike regulators
with PNP pass devices, quiescent current remains relatively
constant over load variations and under dropout conditions.
The REG103 has very low output noise (typically 33
µVrms
for VOUT = 3.3V with CNR = 0.01µF), making it ideal for use
in portable communications equipment. On-chip trimming
results in high output voltage accuracy. Accuracy is main-
tained over temperature, line, and load variations. Key
parameters are tested over the specified temperature range
(–40
°C to +85°C).
The SO-8 version of the REG103 has an ERROR pin that
provides a power good flag, indicating the regulator is in
regulation. The REG103 is well protected—internal cir-
cuitry provides a current limit that protects the load from
damage. Thermal protection circuitry keeps the chip from
being damaged by excessive temperature. In addition to the
SO-8 package, the REG103 is also available in the DDPAK
and the SOT223-5.
REG103
(Fixed Voltage
Versions)
ENABLE
Gnd
0.1
µF
C
OUT
(2)
+
+
V
OUT
V
IN
NR
NR = Noise Reduction
ERROR(1)
ERROR1)
REG103-A
Gnd
ENABLE
0.1
µF
+
C
OUT
(2)
+
V
OUT
V
IN
R
2
R
1
Adj
REG103
REG1
03
REG1
03
REG103
SBVS010D – JANUARY 2000 – REVISED SEPTEMBER 2005
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2000-2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
NOTE: (1) SO-8 Package Only. (2) Optional.


Similar Part No. - REG103UA-3.3G4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG103UA-3.3G4 BURR-BROWN-REG103UA-3.3G4 Datasheet
928Kb / 27P
   DMOS 500mA Low-Dropout Regulator
logo
Texas Instruments
REG103UA-3.3G4 TI1-REG103UA-3.3G4 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS 500mA Low-Dropout Regulator
More results

Similar Description - REG103UA-3.3G4

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5237 MICREL-MIC5237_07 Datasheet
177Kb / 9P
   500mA Low-Dropout Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com