Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC180D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC180D
Description  LOW-POWER RS-485 LINE DRIVER AND RECEIVER PAIRS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC180D Datasheet(HTML) 2 Page - Texas Instruments

  SN75LBC180D Datasheet HTML 1Page - Texas Instruments SN75LBC180D Datasheet HTML 2Page - Texas Instruments SN75LBC180D Datasheet HTML 3Page - Texas Instruments SN75LBC180D Datasheet HTML 4Page - Texas Instruments SN75LBC180D Datasheet HTML 5Page - Texas Instruments SN75LBC180D Datasheet HTML 6Page - Texas Instruments SN75LBC180D Datasheet HTML 7Page - Texas Instruments SN75LBC180D Datasheet HTML 8Page - Texas Instruments SN75LBC180D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
DESCRIPTION (CONTINUED)
SN55LBC180
SN65LBC180
SN75LBC180
SLLS174G – FEBRUARY 1994 – REVISED APRIL 2009................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The SN55LBC180, SN65LBC180 and SN75LBC180 combine a differential line driver and receiver with 3-state
outputs and operate from a single 5-V supply. The driver and receiver have active-high and active-low enables,
respectively, which can be externally connected to function as a direction control. The driver differential outputs
and the receiver differential inputs are connected to separate terminals for full-duplex operation and are designed
to present minimum loading to the bus whether disabled or powered off (VCC = 0). These parts feature a wide
common-mode voltage range making them suitable for point-to-point or multipoint data-bus applications.
The devices also provide positive and negative output-current limiting and thermal shutdown for protection from
line fault conditions. The line driver shuts down at a junction temperature of approximately 172°C.
The SN75LBC180 is characterized for operation over the commercial temperature range of 0°C to 70°C. The
SN65LBC180 is characterized over the industrial temperature range of –40°C to 85°C.
The SN55LBC180 is characterized for operation over the military temperature range of –55°C to 125°C.
FUNCTION TABLES(1)
DRIVER
INPUT
ENABLE
OUTPUTS
D
DE
Y
Z
H
H
H
L
L
H
L
H
X
L
Z
Z
RECEIVER
DIFFERENTIAL INPUTS
ENABLE
OUTPUT
A–B
RE
R
VID ≥ 0.2 V
L
H
–0.2 V < VID < 0.2 V
L
?
VID ≤ –0.2 V
L
L
X
H
Z
Open circuit
L
H
(1)
H = high level, L = low level, ? = Indeterminate, X = irrelevant,
Z = high impedance (off)
2
Submit Documentation Feedback
Copyright © 1994–2009, Texas Instruments Incorporated
Product Folder Link(s): SN55LBC180 SN65LBC180 SN75LBC180


Similar Part No. - SN75LBC180D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC180D TI-SN75LBC180D Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN75LBC180D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
DS8922 NSC-DS8922 Datasheet
486Kb / 14P
   TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com