Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65EL16 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65EL16
Description  5-V ECL Differential Receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65EL16 Datasheet(HTML) 3 Page - Texas Instruments

  SN65EL16 Datasheet HTML 1Page - Texas Instruments SN65EL16 Datasheet HTML 2Page - Texas Instruments SN65EL16 Datasheet HTML 3Page - Texas Instruments SN65EL16 Datasheet HTML 4Page - Texas Instruments SN65EL16 Datasheet HTML 5Page - Texas Instruments SN65EL16 Datasheet HTML 6Page - Texas Instruments SN65EL16 Datasheet HTML 7Page - Texas Instruments SN65EL16 Datasheet HTML 8Page - Texas Instruments SN65EL16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PECL DC CHARACTERISTICS
(1) (V
CC = 5 V; VEE = 0 V)
(2)
NECL DC CHARACTERISTICS
(1) (V
CC = 0 V; VEE = 5 V)
(2)
SN65EL16
www.ti.com............................................................................................................................................................................................ SLLS921 – NOVEMBER 2008
PARAMETER
–40°C
25°C
85°C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
IEE
Power-supply current
15
20
15
20
19
23
mA
VOH
Output HIGH voltage(3)
3915
4120
3915
4011
4120
3915
4120
mV
VOL
Output LOW voltage(3)
3170
3380
3170
3252
3380
3170
3380
mV
VIH
Input HIGH voltage (single-ended)
3835
4120
3835
4120
3835
4120
mV
VIL
Input LOW voltage (single-ended)
3190
3525
3190
3525
3190
3525
mV
VBB
Output reference voltage
3.62
3.74
3.62
3.74
3.62
3.74
V
Input HIGH voltage, common-mode
VIHCMR
2.5
4.6
2.5
4.6
2.5
4.6
V
range (differential)(4)
IIH
Input HIGH current
150
60
150
150
µA
IIL
Input LOW current
0.5
0.5
64
0.5
µA
(1)
The device meets the specifications after thermal balance has been established when mounted in a socket or printed-circuit board with
maintained transverse airflow greater than 500 lfpm (2.54 m/s). Electrical parameters are assured only over the declared operating
temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are
applied individually under normal operating conditions and are not valid simultaneously.
(2)
Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V /–0.5 V.
(3)
Outputs are terminated through a 50-
Ω resistor to VCC – 2 V.
(4)
VIHCMR min varies 1:1 with VEE; VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the more-positive side of the
differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies
between VPP min and 1 V.
PARAMETER
–40°C
25°C
85°C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
IEE
Power-supply current
15
20
15
20
19
23
mA
VOH
Output HIGH voltage(3)
–1085
–880
–1085
–988
–880
–1085
–880
mV
VOL
Output LOW voltage(3)
–1830
–1620
–1830
–1747
–1620
–1830
–1620
mV
VIH
Input HIGH voltage (single-ended)
–1165
–880
–1165
–880
–1165
–880
mV
VIL
Input LOW voltage (single-ended)
–1810
–1475
–1810
–1475
–1810
–1475
mV
VBB
Output reference voltage
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
V
Input HIGH voltage, common-mode range
VIHCMR
–2.5
–0.4
–2.5
–0.4
–2.5
–0.4
V
(differential)(4)
IIH
Input HIGH current
150
150
150
µA
IIL
Input LOW current
0.5
0.5
0.5
µA
(1)
The device meets the specifications after thermal balance has been established when mounted in a socket or printed-circuit board with
maintained transverse airflow greater than 500 lfpm (2.54 m/s). Electrical parameters are assured only over the declared operating
temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are
applied individually under normal operating conditions and are not valid simultaneously.
(2)
Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V /–0.5 V.
(3)
Outputs are terminated through a 50-
Ω resistor to VCC – 2 V.
(4)
VIHCMR min varies 1:1 with VEE; VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the more-positive side of the
differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies
between VPP min and 1 V.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65EL16


Similar Part No. - SN65EL16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65EL11 TI-SN65EL11 Datasheet
436Kb / 12P
[Old version datasheet]   5-V PECL/ECL 1:2 Fanout Buffer
SN65EL11D TI-SN65EL11D Datasheet
436Kb / 12P
[Old version datasheet]   5-V PECL/ECL 1:2 Fanout Buffer
SN65EL11DGK TI-SN65EL11DGK Datasheet
436Kb / 12P
[Old version datasheet]   5-V PECL/ECL 1:2 Fanout Buffer
SN65EL11DGKR TI-SN65EL11DGKR Datasheet
436Kb / 12P
[Old version datasheet]   5-V PECL/ECL 1:2 Fanout Buffer
SN65EL11DR TI-SN65EL11DR Datasheet
436Kb / 12P
[Old version datasheet]   5-V PECL/ECL 1:2 Fanout Buffer
More results

Similar Description - SN65EL16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL17 ONSEMI-MC100EL17_16 Datasheet
146Kb / 5P
   5V ECL Quad Differential Receiver
July, 2016 ??Rev. 8
MC100EP16VT ONSEMI-MC100EP16VT_16 Datasheet
198Kb / 12P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 5
MC100EP16VB ONSEMI-MC100EP16VB_16 Datasheet
169Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC100EP16VC ONSEMI-MC100EP16VC_16 Datasheet
187Kb / 10P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC10EL16 ONSEMI-MC10EL16_16 Datasheet
169Kb / 8P
   5.0 V ECL Differential Receiver
July, 2016 ??Rev. 9
MC10EL16 ONSEMI-MC10EL16_06 Datasheet
153Kb / 9P
   5.0 V ECL Differential Receiver
December, 2006 ??Rev. 7
MC100LVEL17 ONSEMI-MC100LVEL17_16 Datasheet
152Kb / 7P
   3.3 V ECL Quad Differential Receiver
July, 2016 ??Rev. 9
MC10EP16VA ONSEMI-MC10EP16VA_16 Datasheet
195Kb / 11P
   ECL Differential Receiver/Driver
August, 2016 ??Rev. 11
MC10EP16 ONSEMI-MC10EP16_16 Datasheet
194Kb / 11P
   ECL Differential Receiver/Driver
August, 2016 ??Rev. 7
MC10LVEP16 ONSEMI-MC10LVEP16_16 Datasheet
196Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
August, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com