Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD251DG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD251DG4
Description  INDUSTRIAL CAN TRANSCEIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD251DG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVD251DG4 Datasheet HTML 6Page - Texas Instruments SN65HVD251DG4 Datasheet HTML 7Page - Texas Instruments SN65HVD251DG4 Datasheet HTML 8Page - Texas Instruments SN65HVD251DG4 Datasheet HTML 9Page - Texas Instruments SN65HVD251DG4 Datasheet HTML 10Page - Texas Instruments SN65HVD251DG4 Datasheet HTML 11Page - Texas Instruments SN65HVD251DG4 Datasheet HTML 12Page - Texas Instruments SN65HVD251DG4 Datasheet HTML 13Page - Texas Instruments SN65HVD251DG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
D
15 s
CANH
CANL
Vin
0 V
0 V
12 V
–7 V
or
0 V
Rs
IOS
–7 V or 12 V
JIOS(SS)J
JIOS(P)J
10 ms
Vin
Vin
0 V or VCC
(see Note B)
1.5 V
CANH
CANL
R
2.4 V
3.5 V
1.5 V
(see Note A)
VOH
VI
VO
CL = 15 pF
VI
VO
VOL
0.3 VCC
tp(sb)
SN55HVD251
SN65HVD251
SLLS545E – NOVEMBER 2002 – REVISED MARCH 2010
www.ti.com
Figure 11. Driver Short-Circuit Test
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 125 kHz, 50% duty cycle, tr
6ns, tf ≤ 6ns, ZO = 50 Ω.
B.
CL includes instrumentation and fixture capacitance within ±20%.
Figure 12. Receiver Propagation Delay in Standby Test Circuit and Waveform
10
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): SN55HVD251 SN65HVD251


Similar Part No. - SN65HVD251DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD251DG4 TI-SN65HVD251DG4 Datasheet
528Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
More results

Similar Description - SN65HVD251DG4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3051 AD-ADM3051 Datasheet
271Kb / 16P
   High Speed Industrial CAN Transceiver
REV. 0
logo
Infineon Technologies A...
IFX1051LE INFINEON-IFX1051LE_15 Datasheet
1Mb / 31P
   Industrial High Speed CAN-FD Transceiver
Rev. 0.92, 2015-07-28
IFX1051 INFINEON-IFX1051 Datasheet
992Kb / 30P
   Industrial High Speed CAN-FD Transceiver
Rev. 1.0 2017-03-15
logo
Wall Industries,Inc.
RBCAN01 WALL-RBCAN01 Datasheet
425Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCAND21 WALL-RBCAND21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCANH21 WALL-RBCANH21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
logo
Infineon Technologies A...
TLE6250 INFINEON-TLE6250 Datasheet
615Kb / 27P
   CAN-Transceiver
Version 3.4 2002-10-08
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_06 Datasheet
378Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251-Q1 TI1-SN65HVD251-Q1 Datasheet
349Kb / 20P
[Old version datasheet]   CAN TRANSCEIVER
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP Datasheet
114Kb / 9P
   CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com