Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD11SKGDA Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD11SKGDA
Description  3.3-V RS-485 TRANSCEIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD11SKGDA Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65HVD11SKGDA Datasheet HTML 3Page - Texas Instruments SN65HVD11SKGDA Datasheet HTML 4Page - Texas Instruments SN65HVD11SKGDA Datasheet HTML 5Page - Texas Instruments SN65HVD11SKGDA Datasheet HTML 6Page - Texas Instruments SN65HVD11SKGDA Datasheet HTML 7Page - Texas Instruments SN65HVD11SKGDA Datasheet HTML 8Page - Texas Instruments SN65HVD11SKGDA Datasheet HTML 9Page - Texas Instruments SN65HVD11SKGDA Datasheet HTML 10Page - Texas Instruments SN65HVD11SKGDA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
SN65HVD11-HT
www.ti.com
SLLS934E – NOVEMBER 2008 – REVISED JUNE 2012
DRIVER SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
TA = –55°C to 125°C
TA = 175°C
(1)
TA = 210°C
(2)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Propagation delay time,
tPLH
18
25
40
18
25
40
18
25
40
ns
low-to-high-level output
Propagation delay time,
tPHL
18
25
40
18
25
40
18
25
40
ns
high-to-low-level output
Differential output signal
RL = 54 Ω,
tr
10
21
30
10
22
30
10
22
30
ns
rise time
CL = 50 pF,
See Figure 5
Differential output signal
tf
10
21
30
10
22
30
10
22
30
ns
fall time
tsk(p)
Pulse skew (|tPHL – tPLH|)
2.5
2.5
2.5
ns
Part-to-part skew (tPHL or
tsk(pp)
(3)
11
11
11
ns
tPLH)
Propagation delay time,
RL = 110 Ω,
tPZH
high-impedance to high-
RE = 0 V,
55
55
55
ns
level output
See Figure 6
Propagation delay time,
tPHZ
high-level to high-
55
55
55
ns
impedance output
Propagation delay time,
RL = 110 Ω,
tPZL
high-impedance to low-
RE = 0 V,
55
55
55
ns
level output
See Figure 7
Propagation delay time,
tPLZ
low-level to high-
75
75
75
ns
impedance output
Propagation delay time,
RL = 110 Ω,
tPZH
standby to high-level
RE = 3 V,
6
6
6
μs
output
See Figure 6
RL = 110 Ω,
Propagation delay time,
tPZL
RE = 3 V,
6
6
6
μs
standby to low-level output
See Figure 7
(1)
Minimum and maximum parameters are characterized for operation at TA = 175°C but may not be production tested at that temperature.
Production test limits with statistical guardbands are used to ensure high temperature performance.
(2)
Minimum and maximum parameters are characterized for operation at TA = 210°C but may not be production tested at that temperature.
Production test limits with statistical guardbands are used to ensure high temperature performance.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
Copyright © 2008–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN65HVD11-HT


Similar Part No. - SN65HVD11SKGDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD11SKGDA TI1-SN65HVD11SKGDA Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
More results

Similar Description - SN65HVD11SKGDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
SN75HVD11DR TI-SN75HVD11DR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10_08 Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD11DR TI-SN65HVD11DR Datasheet
559Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI1-SN65HVD10-EP_14 Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
logo
Analog Devices
ADM3493 AD-ADM3493 Datasheet
331Kb / 12P
   3.3 V Slew Rate Limited, Half Duplex RS-485/RS-422 Transceiver
REV. 0
ADM3493 AD-ADM3493_15 Datasheet
341Kb / 12P
   3.3 V Slew Rate Limited, Half Duplex RS-485/RS-422 Transceiver
Rev. 0
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
   RS-485 TRANSCEIVER
logo
Texas Instruments
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com