Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC180DG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN65LBC180DG4
Description  LOW-POWER RS-485 LINE DRIVER AND RECEIVER PAIRS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC180DG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN65LBC180DG4 Datasheet HTML 1Page - Texas Instruments SN65LBC180DG4 Datasheet HTML 2Page - Texas Instruments SN65LBC180DG4 Datasheet HTML 3Page - Texas Instruments SN65LBC180DG4 Datasheet HTML 4Page - Texas Instruments SN65LBC180DG4 Datasheet HTML 5Page - Texas Instruments SN65LBC180DG4 Datasheet HTML 6Page - Texas Instruments SN65LBC180DG4 Datasheet HTML 7Page - Texas Instruments SN65LBC180DG4 Datasheet HTML 8Page - Texas Instruments SN65LBC180DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
SN55LBC180
SN65LBC180
SN75LBC180
www.ti.com................................................................................................................................................... SLLS174G – FEBRUARY 1994 – REVISED APRIL 2009
UNIT
VCC
Supply voltage range (2)
–0.3 to 7
V
VBUS
Bus voltage range (A, B, Y, Z)(2)
–10 to 15
V
Voltage range at D, R, DE, RE(2)
–0.3 to VCC + 0.5
V
Continuous total power dissipation(3)
Internally limited
Total power dissipation
See Dissipation Rating Table
Tstg
Storage temperature range
–65 to 150
°C
IO
Receiver output current range
–50 to 50
mA
HBM (Human Body Model) EIA/JESD22-A114
±4
kV
ESD
Electrostatic discharge
MM (Machine Model) EIA/JESD22-A115
400
V
CDM (Charge Device Model) EIA/JESD22-C101
1.5
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
(3)
The maximum operating junction temperature is internally limited. Use the dissipation rating table to operate below this temperature.
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE(1)
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
D
950 mW
7.6 mW/°C
608 mW
494 mW
N
1150 mW
9.2 mW/°C
736 mW
598 mW
RSA
3333 mW
26.67 mW/°C
2133 mW
1733 mW
400 mW
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VIH
High-level input voltage
D, DE, and RE
2
V
VIL
Low-level input voltage
D, DE, and RE
0.8
V
VID
Differential input voltage
–6(1)
6
V
VO, VI, or VIC
Voltage at any bus terminal (separately or common mode)
A, B, Y, or Z
–7(1)
12
V
Y or Z
–60
IOH
High-level output current
mA
R
–8
Y or Z
60
IOL
Low-level output current
mA
R
8
SN55LBC180
–55
125
TA
Operating free-air temperature
SN65LBC180
–40
85
°C
SN75LBC180
0
70
(1)
The algebraic convention where the least positive (more negative) limit is designated minimum, is used in this data sheet for the
differential input voltage, voltage at any bus terminal, operating temperature, input threshold voltage, and common-mode output voltage.
Copyright © 1994–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN55LBC180 SN65LBC180 SN75LBC180


Similar Part No. - SN65LBC180DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC180D TI-SN65LBC180D Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN65LBC180DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
DS8922 NSC-DS8922 Datasheet
486Kb / 14P
   TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com