Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC180RSAT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC180RSAT
Description  LOW-POWER RS-485 LINE DRIVER AND RECEIVER PAIRS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC180RSAT Datasheet(HTML) 5 Page - Texas Instruments

  SN65LBC180RSAT Datasheet HTML 1Page - Texas Instruments SN65LBC180RSAT Datasheet HTML 2Page - Texas Instruments SN65LBC180RSAT Datasheet HTML 3Page - Texas Instruments SN65LBC180RSAT Datasheet HTML 4Page - Texas Instruments SN65LBC180RSAT Datasheet HTML 5Page - Texas Instruments SN65LBC180RSAT Datasheet HTML 6Page - Texas Instruments SN65LBC180RSAT Datasheet HTML 7Page - Texas Instruments SN65LBC180RSAT Datasheet HTML 8Page - Texas Instruments SN65LBC180RSAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
RECEIVER SECTION
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS (SN55LBC180)
SN55LBC180
SN65LBC180
SN75LBC180
www.ti.com................................................................................................................................................... SLLS174G – FEBRUARY 1994 – REVISED APRIL 2009
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT+
Positive-going input threshold voltage
IO = –8 mA
0.2
V
VIT–
Negative-going input threshold voltage
IO = 8 mA
–0.2
V
Vhys
Hysteresis voltage (VIT+ – VIT–)
45
mV
VIK
Enable-input clamp voltage
II = –18 mA
-1.5
V
VOH
High-level output voltage
VID = 200 mV,
IOH = –8 mA
3.5
4.5
V
VOL
Low-level output voltage
VID = –200 mV,
IOL = 8 mA
0.3
0.5
V
IOZ
High-impedance-state output current
VO = 0 V to VCC
±20
µA
IIH
High-level enable-input current
VIH = 2.4 V
–50
A
IIL
Low-level enable-input current
VIL = 0.4 V
–100
µA
VI = 12 V, VCC = 5 V,
Other input at 0 V
0.7
1
VI = 12 V, VCC = 0 V,
Other input at 0 V
0.8
1
II
Bus input current
mA
VI = -7 V, VCC = 5 V,
Other input at 0 V
–0.8
-0.5
VI = -7 V, VCC = 0 V,
Other input at 0 V
–0.8
–0.5
Outputs enabled
5
ICC
Supply current
Driver disabled
mA
Outputs disabled
3
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHL
Propagation delay time, high- to low-level output
11
22
33
ns
tPLH
Propagation delay time, low- to high-level output
11
22
33
ns
VID = –1.5 V to 1.5 V,
See Figure 6
tsk(p)
Pulse skew (| tPHL – tPLH|)
3
6
ns
tt
Transition time
5
8
ns
tPZH
Output enable time to high level
35
ns
tPZL
Output enable time to low level
30
ns
See Figure 7
tPHZ
Output disable time from high level
35
ns
tPLZ
Output disable time from low level
30
ns
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHL
Propagation delay time, high- to low-level output
26
ns
tPLH
Propagation delay time, low- to high-level output
23
ns
VID = –1.5 V to 1.5 V,
See Figure 6
tsk(p)
Pulse skew (| tPHL – tPLH|)
3
ns
tsk(p)t
Transition time
4
ns
tPZH
Output enable time to high level
30
ns
tPHZ
Output disable time from high level
26
ns
See Figure 4
tPZL
Output enable time to low level
30
ns
tPLZ
Output disable time from low level
30
ns
Copyright © 1994–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN55LBC180 SN65LBC180 SN75LBC180


Similar Part No. - SN65LBC180RSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180-Q1 TI1-SN65LBC180-Q1 Datasheet
276Kb / 17P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIR
SN65LBC180A TI-SN65LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180AD TI-SN65LBC180AD Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN65LBC180RSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
DS8922 NSC-DS8922 Datasheet
486Kb / 14P
   TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com