Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVDA100-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVDA100-Q1
Description  LIN PHYSICAL INTERFACE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVDA100-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVDA100-Q1 Datasheet HTML 2Page - Texas Instruments SN65HVDA100-Q1 Datasheet HTML 3Page - Texas Instruments SN65HVDA100-Q1 Datasheet HTML 4Page - Texas Instruments SN65HVDA100-Q1 Datasheet HTML 5Page - Texas Instruments SN65HVDA100-Q1 Datasheet HTML 6Page - Texas Instruments SN65HVDA100-Q1 Datasheet HTML 7Page - Texas Instruments SN65HVDA100-Q1 Datasheet HTML 8Page - Texas Instruments SN65HVDA100-Q1 Datasheet HTML 9Page - Texas Instruments SN65HVDA100-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
SN65HVDA100-Q1
SLIS128
– NOVEMBER 2011
www.ti.com
Sleep Mode
Sleep mode is the power saving mode for the SN65HVDA100. Even with the extremely low current consumption
in this mode, the SN65HVDA100 can still wake up from LIN bus via a wake-up signal, a low on NWake, or if EN
is set high. The LIN bus and NWake are filtered to prevent false wake-up events. The wake-up events must be
active for their respective time periods (tLINBUS, tNWake).
The sleep mode is entered by setting EN low.
While the device is in sleep mode, the following conditions exist:
The LIN bus driver is disabled and the internal LIN bus termination is switched off (to minimize power loss if
LIN is short circuited to ground). However, the weak current pullup is active to prevent false wake-up events
in case an external connection to the LIN bus is lost.
The normal receiver is disabled.
INH is high impedance.
EN input, NWake input, and the LIN wake-up receiver are active.
Wake-Up Events
There are three ways to wake up from sleep mode:
Remote wake-up via recessive (high) to dominant (low) state transition on LIN bus. The dominant state must
be held for tLINBUS filter time and then the bus must return to the recessive state (to eliminate false wake-ups
from disturbances on the LIN bus or if the bus is shorted to ground).
Local wake-up via a low on NWake, which is asserted low longer than the filter time tNWake (to eliminate false
wake-ups from disturbances on NWake)
Local wake-up via EN being set high
Wake-Up Request (RXD)
When the device encounters a wake-up event from the LIN bus or NWake pin, RXD goes low, and the device
transitions to standby mode (until EN is reasserted high and the device enters normal mode). Once the device
enters normal mode, the RXD pin is releasing the wake-up request signal, and the RXD pin then reflects the
receiver output from the bus.
Wake-Up Source Recognition (TXD)
When the device encounters a wake-up event from the LIN bus or NWake pin, TXD indicates the source while
the device enters and remains in standby mode (until EN is reasserted high and the device enters normal mode).
In addition to the internal pullup resistor on TXD, typically an external pullup resistor (~5 k
Ω) is used in the
system
's I/O supply voltage. A high on TXD in standby mode indicates a remote wake-up via the LIN bus, and a
low (strong pulldown) on the TXD pin indicates a local wake-up via the NWAKE pin.
Standby Mode
This mode is entered whenever a wake-up event occurs via LIN bus or NWake while the device is in sleep
mode. The LIN bus slave termination circuit and INH are turned on when standby mode is entered. The
application system powers up once INH is turned on, assuming the system is using a voltage regulator
connected via INH. Standby mode is signaled via a low level on RXD.
When EN is set high while the device is in standby mode the device returns to normal mode and the normal
transmission paths from TXD to LIN bus and LIN bus to RXD are enabled.
During power up if EN is low the device goes into Standby mode and if EN is high the device goes into Normal
mode. EN has an internal pull down resistor, so if the pin is floating in the system, the internal pull down will
ensure it is pulled low.
Application Hint: if the INH output of the HVDA100 is not used to control the system power management
(voltage regulators) and monitor wake up sources, but sleep mode is used to reduce system current the RXD pin
can be monitored to ensure HVDA100 remains in sleep mode. If the HVDA100 detects an undervoltage on VSUP
the RXD pin transitions low and would signal to the software that the HVDA100 is in standby mode and should
be returned to sleep mode to return to the lowest power state.
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - SN65HVDA100-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA1040A-Q1 TI1-SN65HVDA1040A-Q1 Datasheet
764Kb / 24P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040AQDRQ1 TI1-SN65HVDA1040AQDRQ1 Datasheet
764Kb / 24P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040B-Q1 TI1-SN65HVDA1040B-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   EMC-Optimized High-Speed CAN Bus Transceiver
SN65HVDA1040BQDRQ1 TI1-SN65HVDA1040BQDRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   EMC-Optimized High-Speed CAN Bus Transceiver
SN65HVDA1050A-Q1 TI1-SN65HVDA1050A-Q1 Datasheet
601Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
More results

Similar Description - SN65HVDA100-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
logo
Motorola, Inc
MC33661 MOTOROLA-MC33661 Datasheet
377Kb / 20P
   LIN Enhanced Physical Interface
logo
Texas Instruments
SN65HVDA195-Q1 TI1-SN65HVDA195-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   LIN AND MOST ECL PHYSICAL INTERFACE
logo
Freescale Semiconductor...
33399 FREESCALE-33399 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
logo
NXP Semiconductors
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
logo
Freescale Semiconductor...
MC33662LEF FREESCALE-MC33662LEF Datasheet
577Kb / 31P
   LIN 2.1 / SAEJ2602-2, LIN Physical Layer
MC33663 FREESCALE-MC33663 Datasheet
828Kb / 37P
   LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com