Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC180DG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC180DG4
Description  LOW-POWER RS-485 LINE DRIVER AND RECEIVER PAIRS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC180DG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN75LBC180DG4 Datasheet HTML 1Page - Texas Instruments SN75LBC180DG4 Datasheet HTML 2Page - Texas Instruments SN75LBC180DG4 Datasheet HTML 3Page - Texas Instruments SN75LBC180DG4 Datasheet HTML 4Page - Texas Instruments SN75LBC180DG4 Datasheet HTML 5Page - Texas Instruments SN75LBC180DG4 Datasheet HTML 6Page - Texas Instruments SN75LBC180DG4 Datasheet HTML 7Page - Texas Instruments SN75LBC180DG4 Datasheet HTML 8Page - Texas Instruments SN75LBC180DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
D−14
N−14
RSA−16
1
FEATURES
DESCRIPTION
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
R
RE
DE
D
GND
GND
VCC
VCC
A
B
Z
Y
NC
DORNPACKAGE
(TOP VIEW)
NC − Nointernalconnection
logic diagram(positivelogic)
R
RE
D
DE
B
A
Z
Y
11
12
10
9
2
3
5
4
16 15 14 13
5
6
7
8
1
2
3
4
12
11
10
9
A
B
Z
Y
NC
R
RE
DE
RSA PACKAGE
(TOP VIEW)
Pins6and7areconnectedtogetherinternally
Pins13and14areconnectedtogetherinternally
SN55LBC180
SN65LBC180
SN75LBC180
www.ti.com................................................................................................................................................... SLLS174G – FEBRUARY 1994 – REVISED APRIL 2009
LOW-POWER RS-485 LINE DRIVER AND RECEIVER PAIRS
2
• Designed for High-Speed Multipoint Data
Transmission Over Long Cables
• Operate With Pulse Durations as Low as 30 ns
• Low Supply Current . . . 5 mA Max
• Meet or Exceed the Requirements of ANSI
Standard RS-485 and ISO 8482:1987(E)
• 3-State Outputs for Party-Line Buses
• Common-Mode Voltage Range of –7 V to 12 V
• Thermal Shutdown Protection Prevents
Driver Damage From Bus Contention
• Positive and Negative Output Current
Limiting
• Pin Compatible With the SN75ALS180
The SN55LBC180, SN65LBC180 and SN75LBC180
differential driver and receiver pairs are monolithic
integrated circuits designed for bidirectional data
communication over long cables that take on the
characteristics
of
transmission
lines.
They
are
balanced, or differential, voltage mode devices that
meet
or
exceed
the
requirements
of
industry
standards ANSI RS-485 and ISO 8482:1987(E).
These devices are designed using TI's proprietary
LinBiCMOS™ with the low-power consumption of
CMOS and the precision and robustness of bipolar
transistors in the same circuit.
this deviceinfo section is for space between the para and table
ORDERING INFORMATION
TA
PACKAGE
PART NUMBER
PART MARKING
PDIP
SN75LBC180N
SN75LBC180N
0°C to 70°C
SOIC
SN75LBC180D
7LB180
QFN
SN75LBC180RSA
LB180
PDIP
SN65LBC180N
65LBC180N
–40°C to 85°C
SOIC
SN65LBC180D
6LB180
QFN
SN65LBC180RSA
BL180
–55°C to 125°C
QFN
SN55LBC180RSA
SN55LBC180
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LinBiCMOS is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1994–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN75LBC180DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC180D TI-SN75LBC180D Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN75LBC180DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
DS8922 NSC-DS8922 Datasheet
486Kb / 14P
   TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com