Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVDA195-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVDA195-Q1
Description  LIN AND MOST ECL PHYSICAL INTERFACE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVDA195-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVDA195-Q1 Datasheet HTML 1Page - Texas Instruments SN65HVDA195-Q1 Datasheet HTML 2Page - Texas Instruments SN65HVDA195-Q1 Datasheet HTML 3Page - Texas Instruments SN65HVDA195-Q1 Datasheet HTML 4Page - Texas Instruments SN65HVDA195-Q1 Datasheet HTML 5Page - Texas Instruments SN65HVDA195-Q1 Datasheet HTML 6Page - Texas Instruments SN65HVDA195-Q1 Datasheet HTML 7Page - Texas Instruments SN65HVDA195-Q1 Datasheet HTML 8Page - Texas Instruments SN65HVDA195-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SN65HVDA195-Q1
www.ti.com
SLLS961A – JULY 2009 – REVISED OCTOBER 2009
Local Interconnect Network (LIN) Bus
This I/O pin is the single-wire LIN bus transmitter and receiver.
Transmitter Characteristics
The driver is a low-side transistor with internal current limitation and thermal shutdown. There is an internal
30-k
Ω pullup resistor with a serial diode structure to VSUP, so no external pullup components are required for LIN
slave mode applications. An external pullup resistor of 1 k
Ω, plus a series diode to VSUP must be added when the
device is used for master node applications.
Voltage on LIN can go from –40-V to 40-V dc without any currents other than through the pullup resistance.
There are no reverse currents from the LIN bus to supply (VSUP), even in the event of a ground shift or loss of
supply (VSUP).
The LIN thresholds and ac parameters are LIN Protocol Specification Revision 2.0 compliant.
During a thermal shut down condition, the driver is disabled.
Receiver Characteristics
The receiver’s characteristic thresholds are ratio-metric with the device supply pin. Typical thresholds are 50%,
with a hysteresis between 5% and 17.5% of supply.
The receiver is capable of receiving higher data rates (>100 kbps) than supported by LIN or SAEJ2602
specifications. This allows the SN65HVDA195 to be used for high-speed downloads at end-of-line production or
other applications. The actual data rates achievable depend on system time constants (bus capacitance and
pullup resistance) and driver characteristics used in the system.
Transmit Input (TXD)
TXD is the interface to the MCU’s LIN protocol controller or SCI/UART used to control the state of the LIN output.
When TXD is low, the LIN output is dominant (near ground). When TXD is high, the LIN output is recessive (near
battery). The TXD input structure is compatible with microcontrollers with 3.3-V and 5-V I/O. TXD has an internal
pulldown resistor. This device does not have a TXD dominant time out protection circuit so that low data rates
may be used.
Receive Output (RXD)
RXD is the interface to the MCU’s LIN protocol controller or SCI/UART, which reports the state of the LIN bus
voltage. LIN recessive (near battery) is represented by a high level on RXD and LIN dominant (near ground) is
represented by a low level on RXD. The RXD output structure is an open-drain output stage. This allows the
SN65HVDA195 to be used with 3.3-V and 5-V I/O microcontrollers. If the microcontroller’s RXD pin does not
have an integrated pullup, an external pullup resistor to the microcontroller I/O supply voltage is required.
RXD Wake-up Request
When the SN65HVDA195 has been in low-power mode and encounters a wake-up event from the LIN bus or
NWake pin, RXD goes low, while the device enters and remains in standby mode (until EN is reasserted high
and the device enters normal mode).
Supply Voltage (VSUP)
VSUP is the SN65HVDA195 device power supply pin. VSUP is connected to the battery through an external
reverse battery blocking diode. The characterized operating voltage range for the SN65HVDA195 is from 7 V to
27 V. VSUP is protected for harsh automotive conditions up to 40 V.
The device contains a reset circuit to avoid false bus messages during undervoltage conditions when VSUP is less
than VSUP_UNDER.
Ground (GND)
GND is the SN65HVDA195 device ground connection. The SN65HVDA195 can operate with a ground shift as
long as the ground shift does not reduce VSUP below the minimum operating voltage. If there is a loss of ground
at the ECU level, the SN65HVDA195 does not have a significant current consumption on LIN bus.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65HVDA195-Q1


Similar Part No. - SN65HVDA195-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
SN65HVDA100QDRQ1 TI1-SN65HVDA100QDRQ1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
SN65HVDA1040A-Q1 TI1-SN65HVDA1040A-Q1 Datasheet
764Kb / 24P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040AQDRQ1 TI1-SN65HVDA1040AQDRQ1 Datasheet
764Kb / 24P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040B-Q1 TI1-SN65HVDA1040B-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   EMC-Optimized High-Speed CAN Bus Transceiver
More results

Similar Description - SN65HVDA195-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
logo
Motorola, Inc
MC33661 MOTOROLA-MC33661 Datasheet
377Kb / 20P
   LIN Enhanced Physical Interface
logo
Freescale Semiconductor...
33399 FREESCALE-33399 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
logo
NXP Semiconductors
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
logo
Freescale Semiconductor...
MC33662LEF FREESCALE-MC33662LEF Datasheet
577Kb / 31P
   LIN 2.1 / SAEJ2602-2, LIN Physical Layer
MC33663 FREESCALE-MC33663 Datasheet
828Kb / 37P
   LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com