Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVDA195QDRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVDA195QDRQ1
Description  LIN AND MOST ECL PHYSICAL INTERFACE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVDA195QDRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVDA195QDRQ1 Datasheet HTML 6Page - Texas Instruments SN65HVDA195QDRQ1 Datasheet HTML 7Page - Texas Instruments SN65HVDA195QDRQ1 Datasheet HTML 8Page - Texas Instruments SN65HVDA195QDRQ1 Datasheet HTML 9Page - Texas Instruments SN65HVDA195QDRQ1 Datasheet HTML 10Page - Texas Instruments SN65HVDA195QDRQ1 Datasheet HTML 11Page - Texas Instruments SN65HVDA195QDRQ1 Datasheet HTML 12Page - Texas Instruments SN65HVDA195QDRQ1 Datasheet HTML 13Page - Texas Instruments SN65HVDA195QDRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
SN65HVDA195-Q1
SLLS961A – JULY 2009 – REVISED OCTOBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VSUP = 7 V to 27 V, TA = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP (1)
MAX
UNIT
LIN PIN (Referenced to VSUP)
LIN recessive, TXD = High,
5.1
VOH
High-level output voltage
VSUP – 1
IO = 0 mA, VSUP = 14 V
V
LIN dominant, TXD = Low,
5.2
VOL
Low-level output voltage
0
0.2 × VSUP
IO = 40 mA, VSUP = 14 V
5.3
Rslave
Pullup resistor to VSUP
Normal and standby modes
20
30
60
k
Pullup current source to
5.4
Sleep mode, VSUP = 14 V, LIN = GND
–2
–20
μA
VSUP
5.5
TXD = 0 V
45
160
220
IL
Limiting current
mA
5.6
TXD = 0 V, TA = –10°C to 125°C
200
5.7
ILKG
Leakage current
LIN = VSUP
–5
0
5
5.8
7 V < LIN
≤ 12 V, VSUP = GND
5
μA
Leakage current, loss of
ILKG
supply
5.9
12 V < LIN < 18 V, VSUP = GND
10
5.10
VIL
Low-level input voltage
LIN dominant
0.4 × VSUP
5.11
VIH
High-level input voltage
LIN recessive
0.6 × VSUP
5.12
VIT
Input threshold voltage
0.4 × VSUP 0.5 × VSUP 0.6 × VSUP
V
0.05 ×
0.175 ×
5.13
Vhys
Hysteresis voltage
VSUP
VSUP
Low-level input voltage for
5.14
VIL
0.4 × VSUP
wake-up
EN PIN
6.1
VIL
Low-level input voltage
–0.3
0.8
V
6.2
VIH
High-level input voltage
2
5.5
6.3
Vhys
Hysteresis voltage
30
500
mV
6.4
Pulldown resistor
125
350
800
k
6.5
IIL
Low-level input current
EN = Low
–5
0
5
μA
INH PIN
7.1
Vo
DC output voltage
–0.3
VSUP + 0.3
V
Between VSUP and INH,
7.2
Ron
On state resistance
INH = 2-mA drive,
35
85
Normal or standby mode
7.3
IIKG
Leakage current
Low-power mode, 0 < INH < VSUP
–5
0
5
μA
NWake PIN
8.1
VIL
Low-level input voltage
–0.3
VSUP – 3.3
V
8.2
VIH
High-level input voltage
VSUP – 1
VSUP + 0.3
8.3
Pullup current
NWake = 0 V
–45
–10
–2
μA
8.4
IIKG
Leakage current
VSUP = NWake
–5
0
5
THERMAL SHUTDOWN
Shutdown junction thermal
9.1
190
°C
temperature
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN65HVDA195-Q1


Similar Part No. - SN65HVDA195QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
SN65HVDA100QDRQ1 TI1-SN65HVDA100QDRQ1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
SN65HVDA1040A-Q1 TI1-SN65HVDA1040A-Q1 Datasheet
764Kb / 24P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040AQDRQ1 TI1-SN65HVDA1040AQDRQ1 Datasheet
764Kb / 24P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040B-Q1 TI1-SN65HVDA1040B-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   EMC-Optimized High-Speed CAN Bus Transceiver
More results

Similar Description - SN65HVDA195QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
logo
Motorola, Inc
MC33661 MOTOROLA-MC33661 Datasheet
377Kb / 20P
   LIN Enhanced Physical Interface
logo
Freescale Semiconductor...
33399 FREESCALE-33399 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
logo
NXP Semiconductors
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
logo
Freescale Semiconductor...
MC33662LEF FREESCALE-MC33662LEF Datasheet
577Kb / 31P
   LIN 2.1 / SAEJ2602-2, LIN Physical Layer
MC33663 FREESCALE-MC33663 Datasheet
828Kb / 37P
   LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com