Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320P17FNLR Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS320P17FNLR
Description  DIGITAL SIGNAL PROCESSORS
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320P17FNLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320P17FNLR Datasheet HTML 3Page - Texas Instruments TMS320P17FNLR Datasheet HTML 4Page - Texas Instruments TMS320P17FNLR Datasheet HTML 5Page - Texas Instruments TMS320P17FNLR Datasheet HTML 6Page - Texas Instruments TMS320P17FNLR Datasheet HTML 7Page - Texas Instruments TMS320P17FNLR Datasheet HTML 8Page - Texas Instruments TMS320P17FNLR Datasheet HTML 9Page - Texas Instruments TMS320P17FNLR Datasheet HTML 10Page - Texas Instruments TMS320P17FNLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 149 page
background image
SPRS009C – JANUARY 1987 – REVISED JULY 1991
TMS320C1x
DIGITAL SIGNAL PROCESSORS
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
7
instruction set
A comprehensive instruction set supports both numeric-intensive operations, such as signal processing, and
general-purpose operations, such as high-speed control. All of the
′C1x devices are object-code compatible and
use the same 60 instructions. The instruction set consists primarily of single-cycle single-word instructions,
permitting execution rates of more than six million instructions per second. Only infrequently used branch and
I/O instructions are multicycle. Instructions that shift data as part of an arithmetic operation execute in a single
cycle and are useful for scaling data in parallel with other operations.
NOTE
The BIO pin on other
′C1x devices is not available for use in the ′C14/E14/P14. An attempt to execute the
BIOZ (Branch on BIO low) instruction will result in a two cycle NOP action.
Three main addressing modes are available with the instruction set: direct, indirect, and immediate addressing.
direct addressing
In direct addressing, seven bits of the instruction word concatenated with the 1-bit data page pointer form the
data memory address. This implements a paging scheme in which the first page contains 128 words, and the
second page contains up to 128 words.
indirect addressing
Indirect addressing forms the data memory address from the least-significant eight bits of one of the two auxiliary
registers, AR0-AR1. The Auxiliary Register Pointer (ARP) selects the current auxiliary register. The auxiliary
registers can be automatically incremented or decremented and the ARP changed in parallel with the execution
of any indirect instruction to permit single-cycle manipulation of data tables. Indirect addressing can be used
with all instructions requiring data operands, except for the immediate operand instructions.
immediate addressing
Immediate instructions derive data from part of the instruction word rather than from the data RAM. Some useful
immediate instructions are multiply immediate (MPYK), load accumulator immediate (LACK), and load auxiliary
register immediate (LARK).
instruction set summary
Table 2 lists the symbols and abbreviations used in Table 3, the instruction set summary. Table 3 contains a short
description and the opcode for each
′C1x instruction. The summary is arranged according to function and
alphabetized within each functional group.
Table 2. Instruction Symbols
SYMBOL
MEANING
ACC
Accumulator
D
Data memory address field
M
Addressing mode bit
K
Immediate operand field
PA
3-bit port address field
R
1-bit operand field specifying auxiliary register
S
4-bit left-shift code
X
3-bit accumulator left-shift field


Similar Part No. - TMS320P17FNLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320P17FNLR TI-TMS320P17FNLR Datasheet
1Mb / 146P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320P17FNLR TI1-TMS320P17FNLR Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320P17FNLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com