Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX5703134AZWTQQ1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMX5703134AZWTQQ1
Description  TMS570LSxxx4 16/32-Bit RISC Flash Microcontroller
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMX5703134AZWTQQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TMX5703134AZWTQQ1 Datasheet HTML 1Page - Texas Instruments TMX5703134AZWTQQ1 Datasheet HTML 2Page - Texas Instruments TMX5703134AZWTQQ1 Datasheet HTML 3Page - Texas Instruments TMX5703134AZWTQQ1 Datasheet HTML 4Page - Texas Instruments TMX5703134AZWTQQ1 Datasheet HTML 5Page - Texas Instruments TMX5703134AZWTQQ1 Datasheet HTML 6Page - Texas Instruments TMX5703134AZWTQQ1 Datasheet HTML 7Page - Texas Instruments TMX5703134AZWTQQ1 Datasheet HTML 8Page - Texas Instruments TMX5703134AZWTQQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 155 page
background image
TMS570LS3134
TMS570LS2134
TMS570LS2124
www.ti.com
SPNS165
– SEPTEMBER 2011
TMS570LSxxx4 16/32-Bit RISC Flash Microcontroller
Check for Samples: TMS570LS3134
1
TMS570LSxxx4 16/32-Bit RISC Flash Microcontroller
1.1
Features
1
• High-Performance Microcontroller for Safety
• Multiple Communication Interfaces
Critical Applications
– 10/100 Mbps Ethernet MAC (EMAC)
– Dual CPU’s running in lockstep
IEEE 802.3 compliant (3.3V-I/O only)
– ECC on flash and RAM interfaces
Supports MII and MDIO
– Built-In Self Test for CPU and on-chip RAMs
– Three CAN Controllers (DCAN)
– Error Signaling Module with Error Pin
64 mailboxes with parity protection each
– Voltage and Clock Monitoring
Compliant to CAN protocol version 2.0B
• ARM® Cortex™ – R4F 32-bit RISC CPU
– Inter-Integrated Circuit (I2C)
– Efficient 1.6DMIPS/MHz with 8-stage pipeline
– Three Multi-buffered Serial Peripheral
– Floating-Point Unit with Single/Double
Interfaces (MibSPI)
Precision
128 Words with Parity Protection each
– 12-Region Memory Protection Unit
– Two Standard Serial Peripheral Interfaces
– Open Architecture with 3rd Party Support
(SPI)
• Operating Conditions
– Local Interconnect Network Interface (LIN)
Controller
– Up to 180MHz System Clock
Compliant to LIN protocol version 2.1
– Core Supply Voltage (VCC): 1.2V nominal
– Standard Serial Communication Interface
– I/O Supply Voltage (VCCIO): 3.3V nominal
(SCI)
• Integrated Memory
• Two High-End Timer Modules (N2HET)
– Up to 3MB Program Flash with ECC
– N2HET1: 32 programmable channels
– Up to 256KB RAM with ECC
– N2HET2: 20 programmable channels
– 64KB Flash for emulated EEPROM
– 160 Word Instruction RAM with parity
• 16- bit External Memory Interface
protection each
• Common Platform Architecture
– Each includes Hardware Angle Generator
– Consistent memory map across family
– Dedicated Transfer Unit for each N2HET
– Real-Time Interrupt Timer (RTI) OS Timer
(HTU)
– 96-channel Vectored Interrupt Module (VIM)
• Two 10/12-bit Multi-Buffered ADC Modules
– 2-channel Cyclic Redundancy Checker (CRC)
– ADC1: 24 channels
• Direct Memory Access (DMA) Controller
– ADC2: 16 channels
– 16 Channels and 32 Control Packets
– 16 shared channels
– Parity protection for control packet RAM
– 64 result buffers with parity protection each
– DMA Accesses Protected by Dedicated MPU
• Packages
• Frequency-Modulated Phase-Locked-Loop
– 144-pin Quad Flatpack (PGE) [Green]
(FMPLL) with Built-In Slip Detector
– 337-Ball Grid Array (ZWT) [Green]
• Separate Non-Modulating PLL
• IEEE 1149.1 JTAG, Boundary Scan and ARM
CoreSight Components
• JTAG Security Module
• Trace and Calibration Capabilities
– Embedded Trace Macrocell (ETM-R4)
– Data Modification Module (DMM)
– RAM Trace Port (RTP)
– Parameter Overlay Module (POM)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the formative
Copyright
© 2011, Texas Instruments Incorporated
or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right
to change or discontinue these products without notice.


Similar Part No. - TMX5703134AZWTQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX5703135APGEQQ1 TI1-TMX5703135APGEQQ1 Datasheet
2Mb / 154P
[Old version datasheet]   TMS570LSxxx5 16/32-Bit RISC Flash Microcontroller
TMX5703135AZWTQQ1 TI1-TMX5703135AZWTQQ1 Datasheet
2Mb / 154P
[Old version datasheet]   TMS570LSxxx5 16/32-Bit RISC Flash Microcontroller
TMX5703137BPGEQQ1 TI1-TMX5703137BPGEQQ1 Datasheet
2Mb / 159P
[Old version datasheet]   TMS570LS3137 16/32-Bit RISC Flash Microcontroller
TMX5703137BZWTQQ1 TI1-TMX5703137BZWTQQ1 Datasheet
2Mb / 159P
[Old version datasheet]   TMS570LS3137 16/32-Bit RISC Flash Microcontroller
More results

Similar Description - TMX5703134AZWTQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com