Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX5703135APGEQQ1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMX5703135APGEQQ1
Description  TMS570LSxxx5 16/32-Bit RISC Flash Microcontroller
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMX5703135APGEQQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMX5703135APGEQQ1 Datasheet HTML 5Page - Texas Instruments TMX5703135APGEQQ1 Datasheet HTML 6Page - Texas Instruments TMX5703135APGEQQ1 Datasheet HTML 7Page - Texas Instruments TMX5703135APGEQQ1 Datasheet HTML 8Page - Texas Instruments TMX5703135APGEQQ1 Datasheet HTML 9Page - Texas Instruments TMX5703135APGEQQ1 Datasheet HTML 10Page - Texas Instruments TMX5703135APGEQQ1 Datasheet HTML 11Page - Texas Instruments TMX5703135APGEQQ1 Datasheet HTML 12Page - Texas Instruments TMX5703135APGEQQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 154 page
background image
TMS570LS2125
TMS570LS2135
TMS570LS3135
www.ti.com
SPNS164
– SEPTEMBER 2011
1.1.3
Device Identification
1.1.3.1
Device Identification Code Register
The device identification code register identifies several aspects of the device including the silicon version.
The details of the device identification code register are shown in Table 1-2. The device identification code
register value for this device is:
Rev 0 = 0x802AAD05
Figure 1-2. Device ID Bit Allocation Register
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
CP-15
UNIQUE ID
TECH
R-1
R-00000000010101
R-0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TECH
I/O
PERIPH
FLASH ECC
RAM
VERSION
1
0
1
VOLT
PARITY
ECC
AGE
R-101
R-0
R-1
R-10
R-1
R-00000
R-1
R-0
R-1
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Copyright
© 2011, Texas Instruments Incorporated
Contents
9
Submit Documentation Feedback
focus.ti.com: TMS570LS2125 TMS570LS2135 TMS570LS3135


Similar Part No. - TMX5703135APGEQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX5703134AZWTQQ1 TI1-TMX5703134AZWTQQ1 Datasheet
2Mb / 155P
[Old version datasheet]   TMS570LSxxx4 16/32-Bit RISC Flash Microcontroller
TMX5703137BPGEQQ1 TI1-TMX5703137BPGEQQ1 Datasheet
2Mb / 159P
[Old version datasheet]   TMS570LS3137 16/32-Bit RISC Flash Microcontroller
TMX5703137BZWTQQ1 TI1-TMX5703137BZWTQQ1 Datasheet
2Mb / 159P
[Old version datasheet]   TMS570LS3137 16/32-Bit RISC Flash Microcontroller
More results

Similar Description - TMX5703135APGEQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com