Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2054D4YZKR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2054D4YZKR
Description  1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2054D4YZKR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA2054D4YZKR Datasheet HTML 2Page - Texas Instruments TPA2054D4YZKR Datasheet HTML 3Page - Texas Instruments TPA2054D4YZKR Datasheet HTML 4Page - Texas Instruments TPA2054D4YZKR Datasheet HTML 5Page - Texas Instruments TPA2054D4YZKR Datasheet HTML 6Page - Texas Instruments TPA2054D4YZKR Datasheet HTML 7Page - Texas Instruments TPA2054D4YZKR Datasheet HTML 8Page - Texas Instruments TPA2054D4YZKR Datasheet HTML 9Page - Texas Instruments TPA2054D4YZKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
DEVICE RESET
OPERATING CHARACTERISTICS
TPA2054D4
SLOS607 – APRIL 2009 ..................................................................................................................................................................................................... www.ti.com
Figure 3. SCL and SDA Timing
Figure 4. Start and Stop Conditions Timing
Apply logic low to the RESET pin to deactivate the TPA2054D4 and return all I2C registers to their default state.
This clears the LIM_Lock bit to logic low, allowing changes to the headphone output limiter byte. Refer to the
Register Map section for a complete list of default states. The I2C registers cannot be programmed until RESET
returns to logic high. RESET requires a 1 ms minimum hold time at logic low for a valid reset command.
On power-up, ensure that the DVDD and VDDHP voltages have settled and DVDD is at least 1.7V before setting
RESET to logic high. The TPA2054D4 activates in soft shutdown mode, SWS bit at logic high.
VDD = 3.6 V, TA = 25°C, RSPEAKER = 8 Ω + 33 µH, RHEADPHONES = 16 Ω, Total HP Gain = 6 dB, Total Class-D Gain = 6 dB,
MODE[2:0] = 001 (single-ended mode)(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER AMPLIFIER
THD = 1%, VDD = 3.6 V, f = 1 kHz
700
mW
PO
Speaker output power
THD = 10%, VDD = 3.6 V, f = 1 kHz
860
mW
THD = 1%, VDD = 4.2 V, f = 1 kHz
940
mW
VOS
Offset Voltage
VDD = 5.5 V
–13
5
13
mV
Output impedance in shutdown
2
k
SNR
Signal-to-noise ratio
PO = 250 mW;
90
dB
En
Noise output voltage
Total gain = 0 dB; A-weighted
22
µV
RMS
VDD = 5.0 V, PO = 1 W, f = 1 kHz
0.18
%
THD+N
Total harmonic distortion plus noise
VDD = 3.6 V, PO = 0.6 W, f = 1 kHz
0.25
%
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPA2054D4


Similar Part No. - TPA2054D4YZKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2054D4A TI1-TPA2054D4A Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
TPA2054D4AYZKR TI1-TPA2054D4AYZKR Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
TPA2054D4AYZKT TI1-TPA2054D4AYZKT Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
More results

Similar Description - TPA2054D4YZKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2054D4A TI1-TPA2054D4A Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
TPA2050D4 TI-TPA2050D4 Datasheet
917Kb / 29P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 2:1 INPUT MUX
TPA2051D3 TI-TPA2051D3 Datasheet
1Mb / 33P
[Old version datasheet]   2.9 W/Channel Mono Class-D Audio Subsystem with DirectPath??Headphone Amplifier & SpeakerGuard?
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Texas Instruments
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
TPA6047A4 TI1-TPA6047A4_16 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6041A4 TI-TPA6041A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com