Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2456A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2456A
Description  Dual 12 V Protection and Blocking Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2456A Datasheet(HTML) 2 Page - Texas Instruments

  TPS2456A Datasheet HTML 1Page - Texas Instruments TPS2456A Datasheet HTML 2Page - Texas Instruments TPS2456A Datasheet HTML 3Page - Texas Instruments TPS2456A Datasheet HTML 4Page - Texas Instruments TPS2456A Datasheet HTML 5Page - Texas Instruments TPS2456A Datasheet HTML 6Page - Texas Instruments TPS2456A Datasheet HTML 7Page - Texas Instruments TPS2456A Datasheet HTML 8Page - Texas Instruments TPS2456A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TPS2456A
SLVSBI8 – JULY 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PRODUCT INFORMATION(1)
DEVICE
TEMPERATURE
PACKAGE
MARKING
TPS2456ARHH
–40°C to 85°C
QFN36 (6mm × 6mm)
2456A
(1)
For package and ordering information see the Package Option Addendum at the end of this document or see the TI Web site at
www.ti.com.
THERMAL INFORMATION
TPS2456A
THERMAL METRIC(1)
RHH
UNITS
36 PINS
θJA
Junction-to-ambient thermal resistance(2)
32
θJC(top)
Junction-to-case(top) thermal resistance (3)
23
θJB
Junction-to-board thermal resistance (4)
11
°C/W
ψJT
Junction-to-top characterization parameter (5)
0.5
ψJB
Junction-to-board characterization parameter (6)
10
θJC(bottom)
Junction-to-case(bottom) thermal resistance (7)
2.1
SPACER
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
Spacer
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
ABSOLUTE MAXIMUM RATINGS
(1)
Over recommended junction temperature range and all voltages referenced to GND, unless otherwise noted.
VALUE
PINS OR PIN GROUPS
UNITS
MIN
MAX
GAT1x, GAT2x
–0.3
30
V
INx, OUTx, SENPx, SENMx, SETx, ENx, FLTx, PGx, ORENx
–0.3
20
V
CTx, MONx
–0.3
5
V
FLTx, PGx current sinking
5
mA
MONx current sourcing
5
mA
VINT current
–1
1
mA
Human Body Model
2
kV
ESD
Charged Device Model
0.5
kV
Junction Temperature
Internally Limited
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only. Functional operation of the device under any conditions beyond those indicated under recommended operating conditions is not
implied. Exposure to absolute maximum rated conditions for extended periods of time may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS2456A


Similar Part No. - TPS2456A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2456 TI-TPS2456 Datasheet
867Kb / 31P
[Old version datasheet]   Dual 12 V Protection / Blocking Controller
TPS2456RHH TI-TPS2456RHH Datasheet
867Kb / 31P
[Old version datasheet]   Dual 12 V Protection / Blocking Controller
TPS2456RHHR TI-TPS2456RHHR Datasheet
867Kb / 31P
[Old version datasheet]   Dual 12 V Protection / Blocking Controller
TPS2456RHHT TI-TPS2456RHHT Datasheet
867Kb / 31P
[Old version datasheet]   Dual 12 V Protection / Blocking Controller
More results

Similar Description - TPS2456A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2456 TI-TPS2456 Datasheet
867Kb / 31P
[Old version datasheet]   Dual 12 V Protection / Blocking Controller
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
logo
STMicroelectronics
STEF512SRI STMICROELECTRONICS-STEF512SRI Datasheet
2Mb / 28P
   Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
Rev 1 - February 2023
STEF512SRX STMICROELECTRONICS-STEF512SRX Datasheet
3Mb / 27P
   Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
Rev 1 - January 2022
logo
Texas Instruments
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
logo
Kinetic Technologies.
KTS1676 KINETIC-KTS1676 Datasheet
988Kb / 20P
   Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04c
logo
ON Semiconductor
ESDU3121 ONSEMI-ESDU3121 Datasheet
290Kb / 6P
   12 V Unidirectional ESD and Surge Protection Device
September, 2018 ??Rev. 1
logo
Kinetic Technologies.
KTS1675 KINETIC-KTS1675 Datasheet
989Kb / 22P
   Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04e
KTS1675A KINETIC-KTS1675A Datasheet
840Kb / 18P
   Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04e
KTS1686 KINETIC-KTS1686 Datasheet
676Kb / 13P
   Overvoltage Protector with Bidirectional Blocking and Surge Protection
November 2016 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com