Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2456ARHHR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2456ARHHR
Description  Dual 12 V Protection and Blocking Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2456ARHHR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2456ARHHR Datasheet HTML 2Page - Texas Instruments TPS2456ARHHR Datasheet HTML 3Page - Texas Instruments TPS2456ARHHR Datasheet HTML 4Page - Texas Instruments TPS2456ARHHR Datasheet HTML 5Page - Texas Instruments TPS2456ARHHR Datasheet HTML 6Page - Texas Instruments TPS2456ARHHR Datasheet HTML 7Page - Texas Instruments TPS2456ARHHR Datasheet HTML 8Page - Texas Instruments TPS2456ARHHR Datasheet HTML 9Page - Texas Instruments TPS2456ARHHR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TPS2456A
SLVSBI8 – JULY 2012
www.ti.com
PIN FUNCTIONS
PIN
TYPE
A/B(1)
DESCRIPTION
NAME
NO.
SENPA
1
I
A
Input voltage sense – connect to input supply. Connect to the source side of RSENSEA.
Connect RSETA from the input supply to SETA to program the current limit in conjunction with RSENSEA
SETA
2
I
A
and RMONA (see the DETAILED PIN DESCRIPTIONS).
SENMA
3
I
A
Connect this pin to the load side of the RSENSEA. The fast-trip threshold equals 100 mV / RSENSEA.
VINT
4
I/O
Connect a bypass capacitor (e.g., 0.01µF) to GND for this internal supply.
Connect RMONA from MONA to GND to set the current limit in conjunction with RSENSEA and RSETA
MONA
5
I/O
A
(see the DETAILED PIN DESCRIPTIONS).
ORENA
6
I
A
Blocking transistor enable, active high.
GND
7
GND
Connect pin to ground.
GND
8
GND
Connect pin to ground
Connect RMONB from MONB to GND to set the current limit in conjunction with RSENSEB and RSETB
MONB
9
I/O
B
(see the DETAILED PIN DESCRIPTIONS).
CTB
10
I/O
B
Connect CTB from CTB to GND to set the fault timer period (see text).
GAT2B
11
O
B
Blocking transistor gate drive.
OUTB
12
I/O
B
Output voltage monitor and bias input.
GND
13
GND
B
Connect pin to ground.
ORENB
14
I
B
Blocking transistor enable, active high.
GAT1B
15
O
B
Protection transistor gate drive.
SENMB
16
I
B
Connect this pin to the load side of the RSENSEB. The fast-trip threshold equals 100 mV / RSENSEB.
Connect RSETB from input supply to SETB to program the current limit program the current limit in
SETB
17
I
B
conjunction with RSENSEB and RMONB (see the DETAILED PIN DESCRIPTIONS).
SENPB
18
I
B
Input voltage sense – connect to input supply. Connect to the source side of RSENSEB.
INB
19
PWR
B
Control power input – connect to input supply.
20
No connection.
FLTB
21
O
B
Fault output, active low, asserted when B fault timer runs out.
PGB
22
O
B
Power good output, active low, asserts when VOUTB > 10.63 V.
GND
23
GND
Connect pin to ground.
GND
24
GND
Connect pin to ground.
GND
25
GND
Connect pin to ground.
PGA
26
O
A
Power good output, active low, asserts when VOUTA > 10.63 V.
FLTA
27
O
A
Fault output, active low, asserted when A fault timer runs out.
GND
28
GND
Connect pin to ground.
ENB
29
I
B
Enable, (active high).
GAT1A
30
O
A
Protection transistor gate drive.
ENA
31
I
A
Enable, (active high).
GND
32
GND
A
Connect pin to ground.
OUTA
33
I/O
A
Output voltage monitor and bias input.
GAT2A
34
O
A
Blocking transistor gate drive.
CTA
35
I/O
A
Connect CTA from CTA to GND to set the fault timer period (see the DETAILED PIN DESCRIPTIONS).
INA
36
PWR
A
Control power input – connect to input supply.
PAD
Solder pad to GND.
(1)
Specifies whether this pin is part of A channel, B channel, or is common to both (-).
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS2456A


Similar Part No. - TPS2456ARHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2456 TI-TPS2456 Datasheet
867Kb / 31P
[Old version datasheet]   Dual 12 V Protection / Blocking Controller
TPS2456RHH TI-TPS2456RHH Datasheet
867Kb / 31P
[Old version datasheet]   Dual 12 V Protection / Blocking Controller
TPS2456RHHR TI-TPS2456RHHR Datasheet
867Kb / 31P
[Old version datasheet]   Dual 12 V Protection / Blocking Controller
TPS2456RHHT TI-TPS2456RHHT Datasheet
867Kb / 31P
[Old version datasheet]   Dual 12 V Protection / Blocking Controller
More results

Similar Description - TPS2456ARHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2456 TI-TPS2456 Datasheet
867Kb / 31P
[Old version datasheet]   Dual 12 V Protection / Blocking Controller
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
logo
STMicroelectronics
STEF512SRI STMICROELECTRONICS-STEF512SRI Datasheet
2Mb / 28P
   Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
Rev 1 - February 2023
STEF512SRX STMICROELECTRONICS-STEF512SRX Datasheet
3Mb / 27P
   Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
Rev 1 - January 2022
logo
Texas Instruments
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
logo
Kinetic Technologies.
KTS1676 KINETIC-KTS1676 Datasheet
988Kb / 20P
   Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04c
logo
ON Semiconductor
ESDU3121 ONSEMI-ESDU3121 Datasheet
290Kb / 6P
   12 V Unidirectional ESD and Surge Protection Device
September, 2018 ??Rev. 1
logo
Kinetic Technologies.
KTS1675 KINETIC-KTS1675 Datasheet
989Kb / 22P
   Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04e
KTS1675A KINETIC-KTS1675A Datasheet
840Kb / 18P
   Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04e
KTS1686 KINETIC-KTS1686 Datasheet
676Kb / 13P
   Overvoltage Protector with Bidirectional Blocking and Surge Protection
November 2016 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com