Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2530 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2530
Description  Current-Limited, Power-Distribution Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2530 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2530 Datasheet HTML 1Page - Texas Instruments TPS2530 Datasheet HTML 2Page - Texas Instruments TPS2530 Datasheet HTML 3Page - Texas Instruments TPS2530 Datasheet HTML 4Page - Texas Instruments TPS2530 Datasheet HTML 5Page - Texas Instruments TPS2530 Datasheet HTML 6Page - Texas Instruments TPS2530 Datasheet HTML 7Page - Texas Instruments TPS2530 Datasheet HTML 8Page - Texas Instruments TPS2530 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TPS2530
www.ti.com
SLUSB67 – AUGUST 2012
ELECTRICAL CHARACTERISTICS: TJ = TA = 25°C
(1)
Unless otherwise noted: VIN = 5 V, VEN = VIN, IOUT = 0 A
PARAMETER
TEST CONDITIONS(2)
MIN
TYP
MAX
UNIT
POWER SWITCH
25°C
103
120
VIN = 3.3 V
–40°C
≤ (TJ, TA) ≤ 85°C
103
150
RDS(on)
Input – Output resistence
m
Ω
25°C
97
116
VIN = 5 V
–40°C
≤ (TJ, TA) ≤ 85°C
97
143
CURRENT LIMIT
IOS
(3)
Current-limit, See Figure 7
VIN = 3.3 V or 5 V
0.75
1
1.25
A
SUPPLY CURRENT
VIN = 3.3 V or 5 V, 25°C
0.01
1
ISD
Supply current, switch disabled
µA
–40°C
≤ (TJ, TA ) ≤ 85°C, VIN = 5.5 V
2
VIN = 3.3 V, 25°C
55
75
ISE
Supply current, switch enabled
VIN = 5 V, 25°C
76
96
µA
–40°C
≤ (TJ, TA ) ≤ 85°C, VIN = 5.5 V
118
IREV
Reverse leakage current
VOUT = 5.5 V, VIN = 0 V, measure IVOUT
0.2
1
µA
(1)
Parametrics over a wider operational range are shown in the second ELECTRICAL CHARACTERISTICS table.
(2)
Pulsed testing techniques maintain junction temperature close to ambient temperature.
(3)
See CURRENT LIMIT section for explanation of this parameter.
ELECTRICAL CHARACTERISTICS: –40°C
≤ T
J ≤ 125°C
Unless otherwise noted: 2.7 V
≤ VIN ≤ 5.5 V, VEN = VIN, IOUT = 0 A, typical values are at 5 V and 25°C.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
RDS(on)
Input – Output resistance
97
200
m
Ω
ENABLE INPUT (EN)
VIH
High-level input Voltage
2
V
VIL
Low-level input Voltage
0.7
Hysteresis (2)
0.09
Leakage current
VEN = 0 V or 5.5 V
–1
0
1
µA
VIN = 3.3 V, CL = 1 µF, RL = 100 Ω, EN ↑.
See Figure 2, Figure 4 and Figure 5
tON
Turn on time
ms
0.5 A
1
1.75
2.5
VIN = 3.3 V, CL = 1 µF, RL = 100 Ω, EN ↑.
See Figure 2, Figure 4 and Figure 5
tOFF
Turn off time
ms
0.5 A
0.8
1.35
1.9
VIN = 3.3 V, CL = 1 µF, RL = 100 Ω, See Figure 3
tR
Rise time, output
ms
0.5 A
0.25
0.45
0.65
VIN = 3.3 V, CL = 1 µF, RL = 100 Ω, See Figure 3
tF
Fall time, output
ms
0.5 A
0.2
0.3
0.4
CURRENT LIMIT
IOS
(3)
Current-limit, See Figure 7
0.7
1
1.3
A
VIN = 5 V (see Figure 6), One-half full load →
tIOS
Short-circuit response time(2)
RSHORT = 50 mΩ, Measure from application to when
2
µs
current falls below 120% of final value
(1)
Pulsed testing techniques maintain junction temperature close to ambient temperature.
(2)
These parameters are provided for reference only, and do not constitute part of TI’s published device specifications for purpose of TI’s
product warranty.
(3)
See CURRENT LIMIT section for explanation of this parameter.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :TPS2530


Similar Part No. - TPS2530

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
TPS2534 PERKINELMER-TPS2534 Datasheet
294Kb / 1P
   Dual Channel Thermopile
TPS2534 PERKINELMER-TPS2534 Datasheet
103Kb / 2P
   Dual Channel Thermopile
TPS2534 PERKINELMER-TPS2534_04 Datasheet
103Kb / 2P
   Dual Channel Thermopile
More results

Similar Description - TPS2530

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com