Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2551-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2551-Q1
Description  ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2551-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2551-Q1 Datasheet HTML 1Page - Texas Instruments TPS2551-Q1 Datasheet HTML 2Page - Texas Instruments TPS2551-Q1 Datasheet HTML 3Page - Texas Instruments TPS2551-Q1 Datasheet HTML 4Page - Texas Instruments TPS2551-Q1 Datasheet HTML 5Page - Texas Instruments TPS2551-Q1 Datasheet HTML 6Page - Texas Instruments TPS2551-Q1 Datasheet HTML 7Page - Texas Instruments TPS2551-Q1 Datasheet HTML 8Page - Texas Instruments TPS2551-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DEVICE INFORMATION
Charge
Pump
Driver
UVLO
Current
Limit
Thermal
Sense
IN
GND
EN
ILIM
OUT
FAULT
CS
Reverse
Voltage
Comparator
-
+
Current
Sense
8-msDeglitch
PARAMETER MEASUREMENT INFORMATION
RL
CL
OUT
tr
tf
90%
90%
10%
10%
VOLTAGEWAVEFORMS
TESTCIRCUIT
50%
50%
90%
10%
ton
toff
V
OUT
V
OUT
V
EN
TPS2551-Q1
www.ti.com ...................................................................................................................................................................................................... SLVS850 – JUNE 2008
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
EN
3
I
Enable input, logic high turns on power switch
FAULT
4
O
Active-low open-drain output, asserted during overcurrent, overtemperature, or reverse-voltage conditions.
GND
2
Ground connection
ILIM
5
I
External resistor used to set current-limit threshold; recommended 14.3 k
Ω ≤ RILIM ≤ 80.6 kΩ.
IN
1
I
Input voltage; connect a 0.1
µF or greater ceramic capacitor from IN to GND as close to the IC as possible.
OUT
6
O
Power-switch output
FUNCTIONAL BLOCK DIAGRAM
Figure 2. Test Circuit and Voltage Waveforms
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS2551-Q1


Similar Part No. - TPS2551-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2551 TI-TPS2551 Datasheet
1Mb / 28P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2551 TI-TPS2551 Datasheet
1Mb / 31P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2551DBV TI-TPS2551DBV Datasheet
1Mb / 28P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2551DBV TI-TPS2551DBV Datasheet
1Mb / 31P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2551DBVR TI-TPS2551DBVR Datasheet
1Mb / 28P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2551-Q1

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
   Adjustable Current-Limited, Power-Distribution Switch
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
   Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
logo
Texas Instruments
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2550 TI-TPS2550 Datasheet
1Mb / 28P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2550_0807 TI-TPS2550_0807 Datasheet
1Mb / 31P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2041B-EP TI1-TPS2041B-EP Datasheet
792Kb / 25P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
TPS2066-Q1 TI1-TPS2066-Q1 Datasheet
851Kb / 24P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCH
TPS2068-Q1 TI1-TPS2068-Q1 Datasheet
762Kb / 24P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com