Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2590RSAT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2590RSAT
Description  3-V to 20-V High-Current Load Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2590RSAT Datasheet(HTML) 2 Page - Texas Instruments

  TPS2590RSAT Datasheet HTML 1Page - Texas Instruments TPS2590RSAT Datasheet HTML 2Page - Texas Instruments TPS2590RSAT Datasheet HTML 3Page - Texas Instruments TPS2590RSAT Datasheet HTML 4Page - Texas Instruments TPS2590RSAT Datasheet HTML 5Page - Texas Instruments TPS2590RSAT Datasheet HTML 6Page - Texas Instruments TPS2590RSAT Datasheet HTML 7Page - Texas Instruments TPS2590RSAT Datasheet HTML 8Page - Texas Instruments TPS2590RSAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TPS2590
SLUS960D
– JULY 2009 – REVISED OCTOBER 2011
www.ti.com
ORDERING INFORMATION
DEVICE
JUNCTION
PACKAGE
ORDERING CODE
MARKING
TEMPERATURE
TPS2590
-40
°C to 125°C
RSA (4-mm x 4-mm QFN)
TPS2590RSA
TPS2590
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1) (2)
UNIT
Input voltage range IN, OUT
-0.3 to 25
Voltage range FLT
-0.3 to 20
V
Voltage IFAULT, ILIM
1.75
Voltage CT
3.0
Output sink current FLT
10
mA
Input voltage range, EN
-0.3 to 6
V
Input current, RTRY ( RTRY internally clamped to 3 V ) RTRY = 0 V
35
uA
Voltage range CT(3), IFLT(3) ,ILIM(3), RTRY
-0.3 to 3
ESD rating, HBM
2 .5 k
V
ESD rating, CDM
400
Operating junction temperature range, TJ
Internally Limited
°C
Storage temperature range, Tstg
-65 to 150
(1)
Stresses beyond those listed under
“absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
“recommended operating
conditions
” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
(3)
Do not apply voltage to pin.
DISSIPATION RATINGS
(1) (2) (3) (4)
PACKAGE
θJA LOW K, °C/W
θJA HIGH K, °C/W
θJA BEST 4, °C/W
RSA
211
55
50
(1)
Tested per JEDEC JESD51, natural convection. The definitions of high-k and low-k are per JESD 51-7and JESD 51-3.
(2)
Low-k (2 signal - no plane, 3 in. by 3 in. board, 0.062 in. thick, 1 oz. copper) test board with the pad soldered, and an additional 0.12
in.2 of top-side copper added to the pad.
(3)
High-k is a (2 signal
– 2 plane) test board with the pad soldered.
(4)
The best case thermal resistance is obtained using the recommendations per SLMA002A (2 signal - 2 plane with the pad connected to
the plane).
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
Input voltage range IN, OUT
3
20
Voltage range EN
0
5
V
Voltage range FLT
0
20
Output sink current FLT
0
1
mA
Voltage range RTRY
0
3
V
CCT
100 p
10 m
F
Junction temperature
-40
125
°C
2
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS2590


Similar Part No. - TPS2590RSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25910 TI-TPS25910 Datasheet
1Mb / 25P
[Old version datasheet]   3-V to 20-V High-Current Load Switch with Programmable Inrush Slew Rate
TPS25910RSAR TI-TPS25910RSAR Datasheet
1Mb / 25P
[Old version datasheet]   3-V to 20-V High-Current Load Switch with Programmable Inrush Slew Rate
TPS25910RSAT TI-TPS25910RSAT Datasheet
1Mb / 25P
[Old version datasheet]   3-V to 20-V High-Current Load Switch with Programmable Inrush Slew Rate
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921AD TI1-TPS25921AD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
More results

Similar Description - TPS2590RSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25910 TI-TPS25910 Datasheet
1Mb / 25P
[Old version datasheet]   3-V to 20-V High-Current Load Switch with Programmable Inrush Slew Rate
logo
Vishay Siliconix
SIP32448 VISHAY-SIP32448 Datasheet
483Kb / 12P
   1.7 V to 5.5 V, 3 A Load Switch with Negative VIN Tolerance
Rev. C, 24-Aug-15
SIP32401A VISHAY-SIP32401A_V01 Datasheet
217Kb / 13P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
08-Feb-17
SIP32408 VISHAY-SIP32408 Datasheet
252Kb / 14P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
Rev. F, 06-May-13
SIP32401A VISHAY-SIP32401A Datasheet
217Kb / 13P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
Rev. D, 01-Jun-15
SIP32408 VISHAY-SIP32408_V01 Datasheet
291Kb / 15P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jan-2022
logo
DinTek Semiconductor Co...
DTC2059 DINTEK-DTC2059_13 Datasheet
1Mb / 8P
   P-Channel 20 V (D-S) MOSFET Load Switch
logo
Vishay Telefunken
SIP32451 TFUNK-SIP32451 Datasheet
199Kb / 13P
   0.9 V to 2.5 V, 55 m Load Switch in WCSP4
logo
Texas Instruments
TPS7H2201-SP TI1-TPS7H2201-SP_18 Datasheet
917Kb / 32P
[Old version datasheet]   Radiation Hardened 1.5-V to 7-V, 6-A Load Switch
logo
Vishay Siliconix
SIP32501 VISHAY-SIP32501_V01 Datasheet
181Kb / 11P
   0.9 V to 2.5 V, 66 m??Load Switch in TDFN4
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com