Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS43331QDAPRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS43331QDAPRQ1
Description  DUAL SWITCHER AND LINEAR REGULATORS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS43331QDAPRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS43331QDAPRQ1 Datasheet HTML 1Page - Texas Instruments TPS43331QDAPRQ1 Datasheet HTML 2Page - Texas Instruments TPS43331QDAPRQ1 Datasheet HTML 3Page - Texas Instruments TPS43331QDAPRQ1 Datasheet HTML 4Page - Texas Instruments TPS43331QDAPRQ1 Datasheet HTML 5Page - Texas Instruments TPS43331QDAPRQ1 Datasheet HTML 6Page - Texas Instruments TPS43331QDAPRQ1 Datasheet HTML 7Page - Texas Instruments TPS43331QDAPRQ1 Datasheet HTML 8Page - Texas Instruments TPS43331QDAPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
TPS43331-Q1
SLVSA38 – DECEMBER 2009
www.ti.com
DC ELECTRICAL CHARACTERISTICS (continued)
VBAT = VBATP = 6 V to 18 V, TJ = -40ºC to 150ºC (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VBATP Consumption current
IVSTBY = 50 mA
10
SW2EN = 1, VGTX = VGBX = open
15
VLREn = 1, IVLR = 100 µA
10
IVBATP = | IVLR |
10
IB
Supply current from VBATP line
mA
VBAT = 40 V, IVSTBY = 50 mA
6
VBAT = VINLR = Open, VUVLO < VBATP = VINSB < 18 V,
VLREn = SW2EN = HSDEN = 1, IVLR = IHSD = -100 µA,
20
VGTX = VGBX = Open, IVBATP - | IVSTBY + IVLR + IHSD |
CSLEW Slew rate control on standby regulator VSTBY
ICSLEW
Soft-start rate on VSTBY reg
CCSLEW = 0.01 µF
-2.9
-1.45
µA
EN Enable/disable input
VIH
Enable
2
V
VIL
Disable
0.8
V
VHYS
Hysteresis
300
800
mV
ILKG
Input leakage current
-1
1
µA
SYNCH Synchronization input voltage threshold
VIH
Enable
Switch enabled going from low to high 20% to 80%
2
V
VIL
Disable
Switch disabled going from high to low 80% to20%
0.8
V
VHYS
Hysteresis
300
800
mV
RPD
Input pulldown resistance
20
100
k
PGDLY Power good delay
IOH
Power delay output current
PGDLY = 0, 100 pF
≤ CPGDLY ≤ 0.01 µF
-2.6
-1.5
µA
VTH
Input threshold
Verify RST de-asserted
1.5
2.5
V
VSAT
PGDLY saturation voltage
100 pF
≤ CPGDLY ≤ 0.01uF
0.4
V
RST Reset output
0.5 V
≤ VSTBY ≤ VTH_min (VSTBY), IOL = 1.6 mA, active mode
0.4
V
0.5 V
≤ VSTBY ≤ VTH_min (VSTBY), IOL = 1.6 mA, standby
VOL
Reset output
0.4
V
mode
0.5 V
≤ VBATP ≤ VUVLO_min, IOL = 100 µA
0.4
V
ILeakage
Output leakage current
RST = VSTBY, active and standby modes
-10
10
µA
VBATW Low input voltage warning (Battery input)
VOL
Warning output voltage
IOL = 1.6mA, active and standby modes
0.4
V
ILeakage
Output leakage current
VBATW = VSTBY, active and standby modes
-10
10
µA
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS43331-Q1


Similar Part No. - TPS43331QDAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43330A-Q1 TI1-TPS43330A-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
TPS43330AQDAPRQ1 TI1-TPS43330AQDAPRQ1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
More results

Similar Description - TPS43331QDAPRQ1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9093 GMT-G9093 Datasheet
33Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9052 GMT-G9052 Datasheet
37Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9292 GMT-G9292 Datasheet
53Kb / 2P
   Dual, 300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8865T MAXIM-MAX8865T Datasheet
169Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
logo
Global Mixed-mode Techn...
G9092 GMT-G9092 Datasheet
42Kb / 2P
   Dual, 300mA Low-Dropout Linear Regulators
G9294 GMT-G9294 Datasheet
50Kb / 3P
   Dual, 300mA Low-Dropout Linear Regulators
G9293 GMT-G9293 Datasheet
74Kb / 3P
   Dual, 300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8865R MAXIM-MAX8865R Datasheet
172Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
19-0485; Rev 0; 4/96
logo
Richtek Technology Corp...
RT9205 RICHTEK-RT9205 Datasheet
305Kb / 16P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9203 RICHTEK-RT9203 Datasheet
215Kb / 16P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com