Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51275CRUKT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51275CRUKT
Description  Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51275CRUKT Datasheet(HTML) 1 Page - Texas Instruments

  TPS51275CRUKT Datasheet HTML 1Page - Texas Instruments TPS51275CRUKT Datasheet HTML 2Page - Texas Instruments TPS51275CRUKT Datasheet HTML 3Page - Texas Instruments TPS51275CRUKT Datasheet HTML 4Page - Texas Instruments TPS51275CRUKT Datasheet HTML 5Page - Texas Instruments TPS51275CRUKT Datasheet HTML 6Page - Texas Instruments TPS51275CRUKT Datasheet HTML 7Page - Texas Instruments TPS51275CRUKT Datasheet HTML 8Page - Texas Instruments TPS51275CRUKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TPS51275, TPS51275C
www.ti.com
SLUSB45 – JUNE 2012
Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
1
FEATURES
APPLICATIONS
2
Input Voltage Range: 5 V to 24 V
Notebook Computers
Output Voltages: 5 V and 3.3 V (Adjustable
Tablet Computers
Range ±10%)
DESCRIPTION
Built-in, 100-mA, 5-V and 3.3-V LDOs
The
TPS51275/C
is
a
cost-effective,
dual-
Clock Output for Charge-Pump
synchronous buck controller targeted for notebook
±1% Reference Accuracy
system-power supply solutions. It provides 5-V and
Adaptive On-time D-CAP™ Mode Control
3.3-V LDOs and requires few external components.
The 260-kHz VCLK output can be used to drive an
Architecture with 300kHz/355kHz Frequency
external charge pump, generating gate drive voltage
Setting
for the load switches without reducing the main
Auto-skip Light Load Operation
converter efficiency. The TPS51275/C supports high
Internal 0.8-ms Voltage Servo Soft-Start
efficiency, fast transient response and provides a
combined power-good signal. Adaptive on-time, D-
Low-Side RDS(on) Current Sensing Scheme with
CAP™ control provides convenient and efficient
4500 ppm/°C Temperature Coefficient
operation. The device operates with supply input
Built-in Output Discharge Function
voltage ranging from 5 V to 24 V and supports output
Separate Enable Input for Switchers
voltages of 5.0 V and 3.3 V. The TPS51275/C is
available in a 20-pin, 3 mm × 3 mm, QFN package
Dedicated OC Setting Terminals
and is specified from –40°C to 85°C.
Power Good Indicator
OVP/UVP/OCP Protection
Non-latch UVLO/OTP Protection
20-Pin, 3 mm × 3 mm, QFN (RUK)
ORDERING INFORMATION(1)
ORDERABLE
ENABLE
ALWAYS ON-LDO
PACKAGE
OUTPUT SUPPLY
QUANTITY
FUNCTION
DEVICE NUMBER
TPS51275RUKR
Tape and Reel
3000
VREG3
PLASTIC Quad Flat
TPS51275RUKT
Mini reel
250
Pack
EN1 and EN2
TPS51275CRUKR
Tape and Reel
3000
(20 pin QFN)
VREG3 and VREG5
TPS51275CRUKT
Mini reel
250
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS51275CRUKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51275CRUKT TI-TPS51275CRUKT Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275CRUKT TI1-TPS51275CRUKT Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
More results

Similar Description - TPS51275CRUKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51275 TI1-TPS51275_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI-TPS51275_13 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225 TI1-TPS51225_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225 TI1-TPS51225 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275B-1 TI-TPS51275B-1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS51275B-1 Dual Synchronous, Step-Down Controller With 5-V and 3.3-V LDOs
logo
Vishay Siliconix
SI9130DB VISHAY-SI9130DB Datasheet
157Kb / 4P
   5- and 3.3-V Step-Down Synchronous Converters
10-Feb-97
logo
Analog Devices
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
logo
Texas Instruments
TPS51285A TI1-TPS51285A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
TPS51285A TI-TPS51285A Datasheet
1Mb / 32P
[Old version datasheet]   Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
logo
Richtek Technology Corp...
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
   Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com