Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51462 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51462
Description  3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51462 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS51462 Datasheet HTML 2Page - Texas Instruments TPS51462 Datasheet HTML 3Page - Texas Instruments TPS51462 Datasheet HTML 4Page - Texas Instruments TPS51462 Datasheet HTML 5Page - Texas Instruments TPS51462 Datasheet HTML 6Page - Texas Instruments TPS51462 Datasheet HTML 7Page - Texas Instruments TPS51462 Datasheet HTML 8Page - Texas Instruments TPS51462 Datasheet HTML 9Page - Texas Instruments TPS51462 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
19
7
PGND
SW
TPS51462
OC
ZC
XCON
12
BST
18
V5DRV
PWM
5
EN
16
PGOOD
Control Logic
UDG-11209
+
+
VREFIN +20%
+
+
13
VOUT
+
VIN
tON
One-
Shot
UV
OV
VREFIN –32%
4
SLEW
+
8 R
3
COMP
R
1
GND
2
VREF
On-Time
and LL
Selection
15 mA
6
MODE
VREFIN +8/16 %
VREFIN –8/16 %
+
+
Discharge
UVP
OVP
17
V5FILT
Bandgap
Sense
+
00
01
10
11
+
VS
CS
14
VID0
15
VID1
10 mA
SW
PGND
22
23
24
VIN
VIN
8
SW
9
SW
10
SW
11
SW
20
PGND
21
PGND
VCS
TPS51462
SLUSAQ1
– DECEMBER 2011
www.ti.com
BLOCK DIAGRAM
Table 1. Intel SA VID
VID 0
VID 1
VCCSA
0
0
0.9 V
0
1
0.80 V (1)MODE = Open
0
1
0.85 V (1)MODE = 33 k
Ω
1
0
0.725 V
1
1
0.675 V
(1)
0.8 V for 2012/2013 SV processors and 0.85 V for 2012 LV/ULV
processors.
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS51462


Similar Part No. - TPS51462

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51462 TI1-TPS51462 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462RGER TI1-TPS51462RGER Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462RGET TI1-TPS51462RGET Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI-TPS51462_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI1-TPS51462_17 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
More results

Similar Description - TPS51462

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51462 TI1-TPS51462_17 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI-TPS51462_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51461RGER TI-TPS51461RGER Datasheet
1Mb / 33P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51463 TI1-TPS51463 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V/5-V Input, D-CAPMode Synchronous Step-Down Integrated FETs Converter
TPS51317 TI-TPS51317_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS51317 TI1-TPS51317 Datasheet
774Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
MARCH2011
TPS51461 TI-TPS51461 Datasheet
1Mb / 31P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS53317 TI1-TPS53317 Datasheet
835Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
TPS65253 TI-TPS65253_15 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK CONVERTER WITH INTEGRATED FETS
TPS54528 TI1-TPS54528_17 Datasheet
1Mb / 26P
[Old version datasheet]   4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com