Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54262QPWPRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54262QPWPRQ1
Description  2-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54262QPWPRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54262QPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS54262QPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS54262QPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS54262QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS54262QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS54262QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS54262QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS54262QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS54262QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
TPS54262-Q1
www.ti.com
SLVS996C – SEPTEMBER 2009 – REVISED JUNE 2010
DC ELECTRICAL CHARACTERISTICS
VIN = 7 V to 48 V, EN = VIN, TJ = –40°C to 150°C (unless otherwise noted)
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ENABLE (EN)
PT
VIL
Low input threshold voltage
0.7
V
PT
VIH
High input threshold voltage
1.7
V
EN = 60 V
100
135
µA
PT
Ilkg
Leakage current into EN terminal
EN = 12 V
8
15
µA
RESET DELAY (Cdly)
PT
IO
External capacitor charge current
EN = high
1.4
2
2.6
µA
PT
VThreshold
Switching threshold voltage
Output voltage in regulation
2
V
LOW-POWER MODE (LPM)
PT
VIL
Low input threshold voltage
VIN = 12 V
0.7
V
PT
VIH
High input threshold voltage
VIN = 12 V
1.7
V
PT
Ilkg
Leakage current into LPM terminal
LPM = 5 V
65
95
µA
RESET OUTPUT (RST)
PT
trdly
POR delay timer
Based on Cdly capacitor
3.6
7 ms/nF
PT
VReg_RST
Reset threshold voltage for VReg
Check RST output
0.768
0.832
V
PT
tnRSTdly
Filter time
Delay before RST is asserted low
10
20
35
µs
SOFT START (SS)
PT
ISS
Soft-start source current
40
50
60
µA
SYNCHRONIZATION (SYNC)
PT
VIL
Low input threshold voltage
0.7
V
PT
VIH
High input threshold voltage
1.7
V
PT
Ilkg
Leakage current
SYNC = 5 V
65
95
µA
VIN = 12 V, VReg = 5 V,
CT
SYNC (fext)
External input clock frequency
180
2200
kHz
180 kHz < fsw < fext < 2 × fsw < 2.2 MHz
Info
SYNCtrans
External clock to internal clock
No external clock, VIN = 12 V, VReg = 5 V
32
µs
External clock = 1 MHz, VIN = 12 V,
Info
SYNCtrans
Internal clock to external clock
2.5
µs
VReg = 5 V
CT
SYNCCLK
Minimum duty cycle
30
%
CT
SYNCCLK
Maximum duty cycle
70
%
Rslew
CT
IRslew
Rslew = 50 k
20
µA
CT
IRslew
Rslew = 10 k
100
µA
OVERVOLTAGE SUPERVISORS (OV_TH)
Threshold voltage for VReg during
Internal switch is turned off
0.768
0.832
V
overvoltage
PT
VReg_OV
VReg = 5 V
Internal pulldown on VReg, OV_TH = 1 V
70(1)
mA
THERMAL SHUTDOWN
Thermal shutdown junction
CT
TSD
175
°C
temperature
CT
THYS
Hysteresis
30
°C
PT: Production tested
CT: Characterization tested only, not production tested
(1)
This is the current flowing into the VReg pin when voltage at OV_TH pin is 1 V.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS54262-Q1


Similar Part No. - TPS54262QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54262-EP TI1-TPS54262-EP Datasheet
2Mb / 48P
[Old version datasheet]   2-A 60-V Step-Down DC-DC Converter With Low I(q) and Voltage Supervisor
TPS54262-EP TI1-TPS54262-EP Datasheet
2Mb / 48P
[Old version datasheet]   2-A 60-V Step-Down DC-DC Converter With Low I(q) and Voltage Supervisor
TPS54262-EP TI1-TPS54262-EP_19 Datasheet
2Mb / 48P
[Old version datasheet]   2-A 60-V Step-Down DC-DC Converter With Low I(q) and Voltage Supervisor
TPS54262-Q1 TI1-TPS54262-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   2-A 60-V Step-Down DC-DC Converter With Low I(q) and Voltage Supervisor
TPS54262-Q1 TI-TPS54262-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TPS54262-Q1 Automotive 2-A 60-V Step-Down DC-DC Converter With Low I(q) and
More results

Similar Description - TPS54262QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54162-Q1 TI1-TPS54162-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54162-Q1 TI-TPS54162-Q1_15 Datasheet
2Mb / 42P
[Old version datasheet]   1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
logo
STMicroelectronics
L6982 STMICROELECTRONICS-L6982 Datasheet
2Mb / 48P
   38 V, 2 A synchronous step-down converter with low quiescent current
Rev 1 - April 2021
logo
Texas Instruments
TPS54362-Q1 TI1-TPS54362-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low
logo
AiT Semiconductor Inc.
A7116 AITSEMI-A7116 Datasheet
1,004Kb / 13P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) 1.5MHz, 700mA SYNCHRONOUS WITH LOW QUIESCENT CURRENT
REV1.3
logo
Texas Instruments
TPS54262-EP TI1-TPS54262-EP_19 Datasheet
2Mb / 48P
[Old version datasheet]   2-A 60-V Step-Down DC-DC Converter With Low I(q) and Voltage Supervisor
TPS54262-EP TI1-TPS54262-EP Datasheet
2Mb / 48P
[Old version datasheet]   2-A 60-V Step-Down DC-DC Converter With Low I(q) and Voltage Supervisor
TPS54060-EP TI1-TPS54060-EP Datasheet
2Mb / 49P
[Old version datasheet]   0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
logo
Murata Manufacturing Co...
MYRLP-F-RD MURATA1-MYRLP-F-RD Datasheet
30Mb / 26P
   Ultra-Low Quiescent Current, Inductor Built-in Step-Down DC/DC Converter
D90DH -00119
logo
Texas Instruments
TPS54362-HT TI1-TPS54362-HT_16 Datasheet
614Kb / 34P
[Old version datasheet]   1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com