Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54356-EP Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS54356-EP
Description  4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHES
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54356-EP Datasheet(HTML) 4 Page - Texas Instruments

  TPS54356-EP Datasheet HTML 1Page - Texas Instruments TPS54356-EP Datasheet HTML 2Page - Texas Instruments TPS54356-EP Datasheet HTML 3Page - Texas Instruments TPS54356-EP Datasheet HTML 4Page - Texas Instruments TPS54356-EP Datasheet HTML 5Page - Texas Instruments TPS54356-EP Datasheet HTML 6Page - Texas Instruments TPS54356-EP Datasheet HTML 7Page - Texas Instruments TPS54356-EP Datasheet HTML 8Page - Texas Instruments TPS54356-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Electrostatic Discharge (ESD) Protection
Recommended Operating Conditions
Electrical Characteristics
TPS54352-EP
,, TPS54353-EP,, TPS54354-EP
TPS54355-EP
, TPS54356-EP, TPS54357-EP
SLVS684A – JANUARY 2007 – REVISED JULY 2009 ....................................................................................................................................................... www.ti.com
MIN
MAX
UNIT
Human-Body Model (HBM)
600
V
Charged-Device Model (CDM)
1.5
kV
MIN
MAX
UNIT
TPS54352-6
4.5
20
Input voltage range, VI
V
TPS54357
6.65
20
Operating junction temperature, TJ
–55
125
°C
TJ = –55°C to 125°C, VIN = 4.5 V to 20 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current
Operating current, PH pin open,
5
No external low side MOSFET, RT = Hi-Z
IQ
Quiescent current
mA
Shutdown, ENA = 0 V
1
TPS54352-6
4.32
4.48
Start threshold
V
voltage
TPS54357
6.4
6.65
TPS54352-6
3.69
3.97
Stop threshold
VIN
V
voltage
TPS54357
5.45
5.8
TPS54352-6
350
Hysteresis
mV
TPS54357
600
Output Voltage
TJ = 25°C, IO = 100 mA to 3 A
1.88
1.2
1.212
TPS54352
IO = 100 mA to 3 A
1.176
1.2
1.224
TJ = 25°C, IO = 100 mA to 3 A
1.485
1.5
1.515
TPS54353
IO = 100 mA to 3 A
1.47
1.5
1.53
TJ = 25°C, IO = 100 mA to 3 A
1.782
1.8
1.818
TPS54354
IO = 100 mA to 3 A
1.764
1.8
1.836
TJ = 25°C, IO = 100 mA to 3 A
2.475
2.5
2.525
VO
Output voltage
V
TPS54355
IO = 100 mA to 3 A
2.45
2.5
2.55
TJ = 25°C, VIN = 5.5 V to 20 V,
3.267
3.3
3.333
IO = 100 mA to 3 A
TPS54356
VIN = 5.5 V to 20 V, IO = 100 mA to 3 A
3.234
3.3
3.366
TJ = 25°C, VIN = 7.5 V to 20 V,
4.95
5
5.05
IO = 100 mA to 3 A
TPS54357
VIN = 7.5 V to 20 V, IO = 100 mA to 3 A
4.9
5
5.1
Under Voltage Lockout (UVLO)
Start threshold voltage
1.2
1.25
V
UVLO
Stop threshold voltage
1.02
1.1
V
Hysteresis
100
mV
Bias Voltage (VBIAS)
IVBIAS = 5 mA, VIN ≥ 12 V
7.5
7.8
8
VBIAS
Output voltage
V
IVBIAS = 5 mA, VIN = 4.5 V
4.4
4.47
4.5
Oscillator (RT)
RT grounded
200
250
300
Internally set PWM switching frequency
kHz
RT open
400
500
600
Externally set PWM switching frequency
RT = 100 k
Ω (1% resistor to AGND)
425
500
575
kHz
4
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS54352-EP TPS54353-EP TPS54354-EP TPS54355-EP TPS54356-EP TPS54357-EP


Similar Part No. - TPS54356-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54356 TI-TPS54356 Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
TPS54356 TI-TPS54356 Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54356PWP TI-TPS54356PWP Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
TPS54356PWP TI-TPS54356PWP Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54356PWP TI1-TPS54356PWP Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
More results

Similar Description - TPS54356-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54352PWPRG4 TI-TPS54352PWPRG4 Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54350 TI1-TPS54350_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54352 TI1-TPS54352_16 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54350-EP TI-TPS54350-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350PWPR TI-TPS54350PWPR Datasheet
876Kb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRANTED FET(SWIFT)
TPS54350-EP TI1-TPS54350-EP Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350 TI-TPS54350 Datasheet
437Kb / 27P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET(SWIFT)
TPS54350 TI-TPS54350_15 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTERATED FET (SWIFT)
TPS54550 TI-TPS54550 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT)
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com