Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54355MPWPREP Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS54355MPWPREP
Description  4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHES
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54355MPWPREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54355MPWPREP Datasheet HTML 6Page - Texas Instruments TPS54355MPWPREP Datasheet HTML 7Page - Texas Instruments TPS54355MPWPREP Datasheet HTML 8Page - Texas Instruments TPS54355MPWPREP Datasheet HTML 9Page - Texas Instruments TPS54355MPWPREP Datasheet HTML 10Page - Texas Instruments TPS54355MPWPREP Datasheet HTML 11Page - Texas Instruments TPS54355MPWPREP Datasheet HTML 12Page - Texas Instruments TPS54355MPWPREP Datasheet HTML 13Page - Texas Instruments TPS54355MPWPREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Extending Slow-Start Time
Use n in Table 2.
CSS (µF) = 5.55
10−3
n
Tss (ms)
(4)
Switching Frequency (RT)
RT (kW) +
46000
ƒs (kHz) * 35.9
(5)
180° Out-of-Phase Synchronization (SYNC)
TPS54352-EP
,, TPS54353-EP,, TPS54354-EP
TPS54355-EP
, TPS54356-EP, TPS54357-EP
SLVS684A – JANUARY 2007 – REVISED JULY 2009 ....................................................................................................................................................... www.ti.com
In applications that use large values of output capacitance, there may be a need to extend the slow-start time to
prevent the startup current from tripping the current limit. The current-limit circuit is designed to disable the
high-side MOSFET and reset the internal voltage reference for a short amount of time when the high-side
MOSFET current exceeds the current-limit threshold. If the output capacitance and load current cause the startup
current to exceed the current-limit threshold, the power-supply output will not reach the desired output voltage.
To extend the slow-start time and to reduce the startup current, an external resistor and capacitor can be added
to the ENA pin. The slow-start capacitance is calculated using the following equation:
The RSS resistor must be 2 kΩ and the slow-start capacitor must be less than 0.47 µF.
The TPS5435x has an internal oscillator that operates at twice the PWM switching frequency. The internal
oscillator frequency is controlled by the RT pin. Grounding RT sets the PWM switching frequency to a default
frequency of 250 kHz. Floating RT sets the PWM switching frequency to 500 kHz.
Connecting a resistor from RT to AGND sets the frequency according to the following equation (also see
Figure 30).
RT controls the SYNC pin functions. If RT is floating or grounded, SYNC is an output. If the switching frequency
has been programmed using a resistor from RT to AGND, SYNC functions as an input.
The internal voltage-ramp charging current increases linearly with the set frequency and keeps the feed-forward
modulator constant (Km = 8), regardless of the frequency set point.
Table 3.
SWITCHING FREQUENCY
SYNC PIN
RT PIN
250 kHz, internally set
Generates SYNC output signal
AGND
500 kHz, internally set
Generates SYNC output signal
Float
Terminate to quiet ground
Externally set from 250 kHz to 700 kHz
R = 215 k
Ω to 69 kΩ
with 10-k
Ω resistor
Set RT resistor equal to 90% to 110% of external
synchronization frequency. When using a dual setup (see
Figure 27 for example), if the master 35x device RT pin is
Externally synchronized frequency
Synchronization signal
left floating, use a 110-k
Ω resistor to tie the slave RT pin
to ground. Conversely, if the master 35x device RT pin is
grounded, use a 237-k
Ω resistor to tie the slave RT pin to
ground.
The SYNC pin is configurable as an input or as an output, as noted in the previous section. When operating as
an input, SYNC is a falling-edge-triggered signal (see Figure 3, Figure 4, and Figure 19). When operating as an
output, the signal's falling edge is approximately 180° out of phase with the rising edge of the PH pins. Thus, two
TPS5435x devices operating in a system can share an input capacitor and draw ripple current at twice the
frequency of a single unit.
When operating the two TPS5435x devices 180° out of phase, the total RMS input current is reduced, thus,
reducing the amount of input capacitance needed and increasing efficiency.
When synchronizing a TPS5435x to an external signal, the timing resistor on the RT pin must be set so that the
oscillator is programmed to run at 90% to 110% of the synchronization frequency.
10
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS54352-EP TPS54353-EP TPS54354-EP TPS54355-EP TPS54356-EP TPS54357-EP


Similar Part No. - TPS54355MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54355 TI-TPS54355 Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
TPS54355 TI-TPS54355 Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54355PWP TI-TPS54355PWP Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
TPS54355PWP TI-TPS54355PWP Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54355PWP TI1-TPS54355PWP Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
More results

Similar Description - TPS54355MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54352PWPRG4 TI-TPS54352PWPRG4 Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54350 TI1-TPS54350_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54352 TI1-TPS54352_16 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54350-EP TI-TPS54350-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350PWPR TI-TPS54350PWPR Datasheet
876Kb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRANTED FET(SWIFT)
TPS54350-EP TI1-TPS54350-EP Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350 TI-TPS54350 Datasheet
437Kb / 27P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET(SWIFT)
TPS54350 TI-TPS54350_15 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTERATED FET (SWIFT)
TPS54550 TI-TPS54550 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT)
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com