Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54719RTET Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54719RTET
Description  2.95 V to 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54719RTET Datasheet(HTML) 4 Page - Texas Instruments

  TPS54719RTET Datasheet HTML 1Page - Texas Instruments TPS54719RTET Datasheet HTML 2Page - Texas Instruments TPS54719RTET Datasheet HTML 3Page - Texas Instruments TPS54719RTET Datasheet HTML 4Page - Texas Instruments TPS54719RTET Datasheet HTML 5Page - Texas Instruments TPS54719RTET Datasheet HTML 6Page - Texas Instruments TPS54719RTET Datasheet HTML 7Page - Texas Instruments TPS54719RTET Datasheet HTML 8Page - Texas Instruments TPS54719RTET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
TPS54719
SLVSB69 – JUNE 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TJ = –40°C to 140°C, VIN = 2.95 to 6 V (unless otherwise noted)
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
BOOT (BOOT PIN)
BOOT Charge Resistance
VIN = 5 V
15
BOOT-PH UVLO
VIN = 2.95 V
2.1
2.75
V
SLOW START / TRACKING (SS/TR PIN)
Charge Current
V(SS) = 0.3 V
2.4
μA
SS/TR to VSENSE matching
VSSTR = 0.3 V
73
115
mV
SS to reference crossover
98% nominal
0.87
V
SS discharge current (overload)
VSENSE = 0 V, VSS = 0.3 V
70
μA
SS discharge voltage (overload)
VSENSE = 0 V
80
mV
SS discharge current
VIN = 5 V, V(SS) = 0.5 V
1.2
mA
(UVLO, EN, Thermal Fault)
POWER GOOD (PWRGD PIN)
VSENSE rising (Good)
93
% Vref
VSENSE threshold
VSENSE rising (Fault)
110
% Vref
Hysteresis
VSENSE falling
2
% Vref
Output high leakage
VSENSE = VREF, V(PWRGD) = 5.5 V
100
nA
On resistance
VIN = 5 V, TJ = 25°C
78
Minimum VIN for valid output
V(PWRGD) < 0.5 V at 100 μA
0.8
V
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS54719


Similar Part No. - TPS54719RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54719RTET TI1-TPS54719RTET Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
More results

Similar Description - TPS54719RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54719 TI-TPS54719_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54719 2.95 V To 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS54519RTER TI-TPS54519RTER Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI1-TPS54519 Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI-TPS54519_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT??Converter
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS50601VTDC2 TI-TPS50601VTDC2 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com