Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS57114QRTERQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS57114QRTERQ1
Description  2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS57114QRTERQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS57114QRTERQ1 Datasheet HTML 1Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 2Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 3Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 4Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 5Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 6Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 7Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 8Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
TPS57114-Q1
www.ti.com
SLVSAH5B – DECEMBER 2010 – REVISED APRIL 2012
ELECTRICAL CHARACTERISTICS (continued)
TJ = –40°C to 150°C, VIN = 2.95 to 6 V (unless otherwise noted)
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
PH (PH PIN)
Minimum On time
Measured at 50% points on PH, IOUT = 4 A
75
ns
Measured at 50% points on PH, VIN = 6 V,
120
IOUT = 0 A
Minimum Off time
Prior to skipping off pulses, BOOT-PH = 2.95 V,
60
ns
IOUT = 4 A
Rise Time
2.25
VIN = 6 V, 4 A
V/ns
Fall Time
2
BOOT (BOOT PIN)
BOOT Charge Resistance
VIN = 5 V
16
BOOT-PH UVLO
VIN = 2.95 V
2.1
V
SLOW START AND TRACKING (SS/TR PIN)
Charge Current
V(SS/TR) = 0.4 V
2
μA
SS/TR to VSENSE matching
V(SS/TR) = 0.4 V
54
mV
SS/TR to reference crossover
98% normal
1.1
V
SS/TR discharge voltage (Overload)
VSENSE = 0 V
60
mV
SS/TR discharge current (Overload)
VSENSE = 0 V, V(SS/TR) = 0.4 V
350
µA
SS discharge current (UVLO, EN, Thermal
VIN = 5 V, V(SS) = 0.5 V
1.9
mA
fault)
POWER GOOD (PWRGD PIN)
VSENSE falling (Fault)
91
% Vref
VSENSE rising (Good)
93
% Vref
VSENSE threshold
VSENSE rising (Fault)
109
% Vref
VSENSE falling (Good)
107
% Vref
Hysteresis
VSENSE falling
2
% Vref
Output high leakage
VSENSE = VREF, V(PWRGD) = 5.5 V
7
nA
On resistance
56
100
Output low
I(PWRGD) = 3 mA
0.3
V
Minimum VIN for valid output
V(PWRGD) < 0.5 V at 100 μA
0.650
1.5
V
Copyright © 2010–2012, Texas Instruments Incorporated
5


Similar Part No. - TPS57114QRTERQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS57114-EP TI-TPS57114-EP Datasheet
1Mb / 43P
[Old version datasheet]   TPS57114-EP 2.95-V to 6-V Input, 3.5-A Output, 2-MHz, Synchronous Step-Down SWIFT??Converter
TPS57114-EP TI-TPS57114-EP_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS57114-EP 2.95-V to 6-V Input, 3.5-A Output, 2-MHz, Synchronous Step-Down SWIFT??Converter
TPS57114-Q1 TI-TPS57114-Q1_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS57114-Q1 2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
TPS57114C-Q1 TI1-TPS57114C-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   TPS57114C-Q1 Automotive 2.95-V to 6-V, 4-A 2-MHz Synchronous Buck Converter
TPS57114CQRTERQ1 TI1-TPS57114CQRTERQ1 Datasheet
1Mb / 40P
[Old version datasheet]   TPS57114C-Q1 Automotive 2.95-V to 6-V, 4-A 2-MHz Synchronous Buck Converter
More results

Similar Description - TPS57114QRTERQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418A TI1-TPS54418A Datasheet
1Mb / 40P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54418 2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_1 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com