Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBT16212CDGGRE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # 74CBT16212CDGGRE4
Description  24-BIT FET BUS-EXCHANGE SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74CBT16212CDGGRE4 Datasheet(HTML) 3 Page - Texas Instruments

  74CBT16212CDGGRE4 Datasheet HTML 1Page - Texas Instruments 74CBT16212CDGGRE4 Datasheet HTML 2Page - Texas Instruments 74CBT16212CDGGRE4 Datasheet HTML 3Page - Texas Instruments 74CBT16212CDGGRE4 Datasheet HTML 4Page - Texas Instruments 74CBT16212CDGGRE4 Datasheet HTML 5Page - Texas Instruments 74CBT16212CDGGRE4 Datasheet HTML 6Page - Texas Instruments 74CBT16212CDGGRE4 Datasheet HTML 7Page - Texas Instruments 74CBT16212CDGGRE4 Datasheet HTML 8Page - Texas Instruments 74CBT16212CDGGRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN74CBT16212C
24BIT FET BUSEXCHANGE SWITCH
5V BUS SWITCH WITH 2V UNDERSHOOT PROTECTION
SCDS146A − OCTOBER 2003 − REVISED JANUARY 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
12B2
12B1
1B2
1B1
12A2
12A1
1A2
1A1
S0
S1
S2
SW
SW
SW
SW
SW
SW
SW
SW
2
3
27
28
54
53
30
29
1
56
55


Similar Part No. - 74CBT16212CDGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBT16212ADGGRE4 TI-74CBT16212ADGGRE4 Datasheet
405Kb / 14P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
74CBT16212ADGGRG4 TI-74CBT16212ADGGRG4 Datasheet
405Kb / 14P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
74CBT16212ADGGRG4 TI1-74CBT16212ADGGRG4 Datasheet
1Mb / 17P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
74CBT16212ADGVRE4 TI-74CBT16212ADGVRE4 Datasheet
405Kb / 14P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
More results

Similar Description - 74CBT16212CDGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16211C TI-SN74CBT16211C Datasheet
246Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT3383C TI-SN74CBT3383C Datasheet
336Kb / 15P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCH 5-VBUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C Datasheet
188Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3244C TI-SN74CBT3244C Datasheet
423Kb / 16P
[Old version datasheet]   B-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3245C TI-SN74CBT3245C Datasheet
413Kb / 15P
[Old version datasheet]   8-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C_08 Datasheet
370Kb / 13P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C_08 Datasheet
369Kb / 13P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3345C TI-SN74CBT3345C Datasheet
618Kb / 17P
[Old version datasheet]   8-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C_07 Datasheet
339Kb / 13P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com