Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62141 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62141
Description  3-V to 17-V 2-A Step-Down Converter in 3-mm3-mm QFN Package
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62141 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62141 Datasheet HTML 7Page - Texas Instruments TPS62141 Datasheet HTML 8Page - Texas Instruments TPS62141 Datasheet HTML 9Page - Texas Instruments TPS62141 Datasheet HTML 10Page - Texas Instruments TPS62141 Datasheet HTML 11Page - Texas Instruments TPS62141 Datasheet HTML 12Page - Texas Instruments TPS62141 Datasheet HTML 13Page - Texas Instruments TPS62141 Datasheet HTML 14Page - Texas Instruments TPS62141 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
180.0
200.0
0.0
3.0
6.0
9.0
12.0
15.0
18.0 20.0
−40°C
−10°C
25°C
85°C
125°C
Input Voltage (V)
G001
0.0
20.0
40.0
60.0
80.0
100.0
0.0
3.0
6.0
9.0
12.0
15.0
18.0 20.0
−40°C
−10°C
25°C
85°C
125°C
Input Voltage (V)
G001
0
0.01
0.02
0.03
0.04
0.05
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
VIN=5V
VIN=12V
VIN=17V
Output Current (A)
VOUT=3.3V,
L=2.2uH (XFL4020)
Cout=22uF
G000
0
0.5
1
1.5
2
2.5
3
3.5
4
4
5
6
7
8
9
10
11
12
13
14
15
16
17
−40°C
25°C
85°C
Input Voltage (V)
VOUT=3.3V
L=2.2uH (XFL4020)
Cout=22uF
G000
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
VIN=5V
VIN=12V
VIN=17V
Frequency (Hz)
VOUT=3.3V, IOUT=1A
L=2.2uH (XFL4020)
Cin=10uF, Cout=22uF
G000
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
VIN=5V
VIN=12V
VIN=17V
Frequency (Hz)
VOUT=3.3V, IOUT=0.1A
L=2.2uH (XFL4020)
Cin=10uF, Cout=22uF
G000
TPS62140
TPS62141, TPS62142, TPS62143
www.ti.com
SLVSAJ0
– NOVEMBER 2011
STATIC DRAIN-SOURCE-RESISTANCE (RDSon)
STATIC DRAIN-SOURCE-RESISTANCE (RDSon)
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 23. High-Side Switch Resistance
Figure 24. Low-Side Switch Resistance
OUTPUT VOLTAGE
OUTPUT CURRENT
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 25. Output Voltage Ripple
Figure 26. Maximum Output Current
POWER SUPPLY REJECTION RATIO
POWER SUPPLY REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 27. Power-Supply Rejection Ratio, fSW = 2.5 MHz
Figure 28. Power-Supply Rejection Ratio, fSW = 2.5 MHz
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS62140 TPS62141 TPS62142 TPS62143


Similar Part No. - TPS62141

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62141 TI-TPS62141 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
TPS62141RGTR TI-TPS62141RGTR Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
TPS62141RGTT TI-TPS62141RGTT Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
More results

Similar Description - TPS62141

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62140 TI-TPS62140_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6214x 3-V to 17-V 2-A Step-Down Converter in 3 횞 3 QFN Package
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62140 TI-TPS62140_13 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62816-Q1 TI-TPS62816-Q1 Datasheet
7Mb / 40P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
TPS62816-Q1 TI-TPS62816-Q1_V01 Datasheet
8Mb / 41P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
DECEMBER 2021
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
[Old version datasheet]   High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com