Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74GTL2010PWE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74GTL2010PWE4
Description  10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74GTL2010PWE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74GTL2010PWE4 Datasheet HTML 1Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 2Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 3Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 4Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 5Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 6Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 7Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 8Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
GND
SREF
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
GREF
DREF
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
GTL2010
10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SCDS221 – SEPTEMBER 2006
PW PACKAGE
Provides Bidirectional Voltage Translation
(TOP VIEW)
With No Direction Control Required
Allows Voltage Level Translation From 1 V up
to 5 V
Provides Direct Interface With GTL, GTL+,
LVTTL/TTL, and 5-V CMOS Levels
Low On-State Resistance Between Input and
Output Pins (Sn/Dn)
Supports Hot Insertion
No Power Supply Required – Will Not Latch
Up
5-V-Tolerant Inputs
Low Standby Current
Flow-Through Pinout for Ease of Printed
Circuit Board Trace Routing
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-4)
– 1000-V Charged-Device Model (C101)
Bidirectional or Unidirectional Applications
Requiring Voltage-Level Translation From
Any Voltage (1 V to 5 V) to Any Voltage (1 V
to 5 V)
Low Voltage Processor I2C Port Translation
to 3.3-V and/or 5-V I2C Bus Signal Levels
GTL/GTL+ Translation to LVTTL/TTL Signal
Levels
The GTL2010 provides ten NMOS pass transistors (Sn and Dn) with a common gate (GREF) and a reference
transistor (SREF and DREF). The low ON-state resistance of the switch allows connections to be made with
minimal propagation delay. With no direction control pin required, the device allows bidirectional voltage
translations any voltage (1 V to 5 V) to any voltage (1 V to 5 V).
When the Sn or Dn port is LOW, the clamp is in the ON state and a low-resistance connection exists between
the Sn and Dn ports. Assuming the higher voltage is on the Dn port, when the Dn port is HIGH, the voltage on
the Sn port is limited to the voltage set by the reference transistor (SREF). When the Sn port is HIGH, the Dn port
is pulled to VCC by the pullup resistors.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74GTL2010PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL2010PWE4 TI-SN74GTL2010PWE4 Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PWE4 TI-SN74GTL2010PWE4 Datasheet
299Kb / 17P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
More results

Similar Description - SN74GTL2010PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GTL2010 TI-GTL2010 Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
GTL2010 TI-GTL2010_07 Datasheet
299Kb / 17P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2010 NXP-GTL2010 Datasheet
125Kb / 20P
   10-bit bidirectional low voltage translator
Rev. 06-3 March 2008
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003_15 Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2003 NXP-GTL2003 Datasheet
121Kb / 19P
   8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
GTL2002 NXP-GTL2002 Datasheet
138Kb / 22P
   2-bit bidirectional low voltage translator
GTL2003 PHILIPS-GTL2003 Datasheet
113Kb / 19P
   8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
logo
Pericom Semiconductor C...
PI4GTL2002 PERICOM-PI4GTL2002 Datasheet
537Kb / 12P
   2-bit bidirectional low voltage translator
logo
Texas Instruments
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com