Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74GTL2010PWRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74GTL2010PWRG4
Description  10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74GTL2010PWRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74GTL2010PWRG4 Datasheet HTML 4Page - Texas Instruments SN74GTL2010PWRG4 Datasheet HTML 5Page - Texas Instruments SN74GTL2010PWRG4 Datasheet HTML 6Page - Texas Instruments SN74GTL2010PWRG4 Datasheet HTML 7Page - Texas Instruments SN74GTL2010PWRG4 Datasheet HTML 8Page - Texas Instruments SN74GTL2010PWRG4 Datasheet HTML 9Page - Texas Instruments SN74GTL2010PWRG4 Datasheet HTML 10Page - Texas Instruments SN74GTL2010PWRG4 Datasheet HTML 11Page - Texas Instruments SN74GTL2010PWRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.ti.com
APPLICATION INFORMATION
Bidirectional Translation
GTL2010
10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SCDS221 – SEPTEMBER 2006
For the bidirectional clamping configuration (higher voltage to lower voltage or lower voltage to higher voltage),
the GREF input must be connected to DREF and both pins pulled to HIGH-side VCC through a pullup resistor
(typically 200 k
Ω). A filter capacitor on D
REF is recommended. The processor output can be totem pole or open
drain (pullup resistors) and the chipset output can be totem pole or open drain (pullup resistors are required to
pull the Dn outputs to VCC). However, if either output is totem pole, data must be unidirectional or the outputs
must be 3-statable, and the outputs must be controlled by some direction-control mechanism to prevent
HIGH-to-LOW contentions in either direction. If both outputs are open drain, no direction control is needed. The
opposite side of the reference transistor (SREF) is connected to the processor core power-supply voltage. When
DREF is connected through a 200-kΩ resistor to a 3.3-V to 5.5-V VCC supply and SREF is set between 1 V to VCC
1.5 V, the output of each Sn has a maximum output voltage equal to SREF, and the output of each Dn has a
maximum output voltage equal to VCC.
8
Submit Documentation Feedback


Similar Part No. - SN74GTL2010PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL2010PWRG4 TI-SN74GTL2010PWRG4 Datasheet
299Kb / 17P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
More results

Similar Description - SN74GTL2010PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GTL2010 TI-GTL2010 Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
GTL2010 TI-GTL2010_07 Datasheet
299Kb / 17P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2010 NXP-GTL2010 Datasheet
125Kb / 20P
   10-bit bidirectional low voltage translator
Rev. 06-3 March 2008
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003_15 Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2003 NXP-GTL2003 Datasheet
121Kb / 19P
   8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
GTL2002 NXP-GTL2002 Datasheet
138Kb / 22P
   2-bit bidirectional low voltage translator
GTL2003 PHILIPS-GTL2003 Datasheet
113Kb / 19P
   8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
logo
Pericom Semiconductor C...
PI4GTL2002 PERICOM-PI4GTL2002 Datasheet
537Kb / 12P
   2-bit bidirectional low voltage translator
logo
Texas Instruments
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com