Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62143RGTR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62143RGTR
Description  3-V to 17-V 2-A Step-Down Converter in 3-mm3-mm QFN Package
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62143RGTR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62143RGTR Datasheet HTML 3Page - Texas Instruments TPS62143RGTR Datasheet HTML 4Page - Texas Instruments TPS62143RGTR Datasheet HTML 5Page - Texas Instruments TPS62143RGTR Datasheet HTML 6Page - Texas Instruments TPS62143RGTR Datasheet HTML 7Page - Texas Instruments TPS62143RGTR Datasheet HTML 8Page - Texas Instruments TPS62143RGTR Datasheet HTML 9Page - Texas Instruments TPS62143RGTR Datasheet HTML 10Page - Texas Instruments TPS62143RGTR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
COUT
VOUT
CIN
L1
VIN
FB
PG
TPS62140
R1
R2
CSS
R3
VIN
AVIN
EN
SS/TR
DEF
FSW
SW
VOS
PG
FB
AGND
PGND
TPS62140
TPS62141, TPS62142, TPS62143
www.ti.com
SLVSAJ0
– NOVEMBER 2011
PARAMETER MEASUREMENT INFORMATION
List of Components
REFERENCE
DESCRIPTION
MANUFACTURER
IC
17-V, 2-A step-down converter, QFN
TPS62140RGT, Texas Instruments
L1
2.2-
µH, 3.1-A, 0.165 in × 0.165 in
XFL4020-222MEB, Coilcraft
Cin
10-
µF, 25-V, ceramic
Standard
Cout
22-
µF, 6.3-V, ceramic
Standard
Cs
3300-pF, 25-V, ceramic
R1
Dependent on Vout
R2
Dependent on Vout
R3
100-k
Ω, chip, 0603, 1/16W, 1%
Standard
Figure 4. Measurement Setup
TYPICAL CHARACTERISTICS
Table of Graphs
DESCRIPTION
FIGURE
Efficiency
vs Output Current, vs Input Voltage
5
–16
vs Output current (Load regulation), vs Input Voltage
Output voltage
17, 18
(Line regulation)
vs Input Voltage
19
Switching Frequency
vs Output Current
20
Quiescent Current
vs Input Voltage
21
Shutdown Current
vs Input Voltage
22
Power FET RDS(on)
vs Input Voltage (High-Side, Low-Side)
23, 24
Output Voltage Ripple
vs output Current
25
Maximum Output Current
vs Input Voltage
26
Power Supply Rejection Ratio (PSSR)
vs Frequency
27, 28
PWM-PSM-PWM Mode Transition
29
Load Transient Response
30
–32
Waveforms
Start-Up
33, 34
Typical PWM Mode Operation
35
Typical Power Save Mode Operation
36
vs Load Current
37
Maximum Ambient Temperature
vs Power Dissipation
38
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62140 TPS62141 TPS62142 TPS62143


Similar Part No. - TPS62143RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62143RGTR TI-TPS62143RGTR Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
More results

Similar Description - TPS62143RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62140 TI-TPS62140_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6214x 3-V to 17-V 2-A Step-Down Converter in 3 횞 3 QFN Package
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62140 TI-TPS62140_13 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62816-Q1 TI-TPS62816-Q1 Datasheet
7Mb / 40P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
TPS62816-Q1 TI-TPS62816-Q1_V01 Datasheet
8Mb / 41P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
DECEMBER 2021
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
[Old version datasheet]   High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com