Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61220DCKR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61220DCKR
Description  LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61220DCKR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61220DCKR Datasheet HTML 3Page - Texas Instruments TPS61220DCKR Datasheet HTML 4Page - Texas Instruments TPS61220DCKR Datasheet HTML 5Page - Texas Instruments TPS61220DCKR Datasheet HTML 6Page - Texas Instruments TPS61220DCKR Datasheet HTML 7Page - Texas Instruments TPS61220DCKR Datasheet HTML 8Page - Texas Instruments TPS61220DCKR Datasheet HTML 9Page - Texas Instruments TPS61220DCKR Datasheet HTML 10Page - Texas Instruments TPS61220DCKR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
I -OutputCurrent-mA
O
V =0.7V
I
V =1.2V
I
V =2.4V
I
V
=3.3V
O
V =3V
I
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
I -OutputCurrent-mA
O
V =0.7V
I
V =1.2V
I
V =4.2V
I
V
=5V
O
V =2.4V
I
V =3.6V
I
0.7
1.2
1.7
2.2
2.7
3.2
0
10
20
30
40
50
60
70
80
90
100
V -InputVoltage-V
I
I
=50mA
O
I
=100
A
O
m
I
=10mA
O
I
=1mA
O
V
=3.3V
O
0.7
0.9
1.1
1.3
1.5
1.7
V -InputVoltage-V
I
0
10
20
30
40
50
60
70
80
90
100
I
=50mA
O
I
=100
A
O
m
I
=10mA
O
I
=1mA
O
V
=1.8V
O
0
20
40
60
80
100
0.7
1.7
2.7
3.7
4.7
V -InputVoltage-V
I
I
=50mA
O
I
=100
A
O
m
I
=10mA
O
I
=1mA
O
V
=5V
O
0
10
20
30
40
50
60
70
80
0.7
1.7
2.7
3.7
4.7
V -InputVoltage-V
I
TPS61222,V
=5V
O
TPS61220,V
=1.8V
O
TPS61221,V
=3.3V
O
DeviceEnabled
TPS61220
TPS61221
TPS61222
www.ti.com ............................................................................................................................................................................................... SLVS776 – JANUARY 2009
EFFICIENCY vs
EFFICIENCY vs
OUTPUT CURRENT AND INPUT VOLTAGE (TPS61221)
OUTPUT CURRENT AND INPUT VOLTAGE (TPS61222)
Figure 3.
Figure 4.
EFFICIENCY vs
EFFICIENCY vs
INPUT VOLTAGE AND OUTPUT CURRENT (TPS61220)
INPUT VOLTAGE AND OUTPUT CURRENT (TPS61221)
Figure 5.
Figure 6.
NO LOAD INPUT CURRENT vs
EFFICIENCY vs
INPUT VOLTAGE, DEVICE ENABLED (TPS61220 VOUT=1.8,
INPUT VOLTAGE AND OUTPUT CURRENT (TPS61222)
TPS61221, TPS61222)
Figure 7.
Figure 8.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS61220 TPS61221 TPS61222


Similar Part No. - TPS61220DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61220 TI-TPS61220_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
More results

Similar Description - TPS61220DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV61225DCKT TI1-TLV61225DCKT Datasheet
765Kb / 18P
[Old version datasheet]   SINGLE CELL HIGH EFFICIENT STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TLV61224 TI1-TLV61224 Datasheet
775Kb / 17P
[Old version datasheet]   Single Cell High Efficient Step-Up Converter in 6 Pin SC-70 Package
MARCH2011
TLV61225 TI-TLV61225 Datasheet
826Kb / 18P
[Old version datasheet]   SINGLE CELL HIGH EFFICIENT STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TLV61225 TI-TLV61225_15 Datasheet
1Mb / 21P
[Old version datasheet]   TLV61225 Single-Cell High-Efficient Step-Up Converter in 6-Pin SC-70 Package
TLV61224 TI-TLV61224_15 Datasheet
1Mb / 22P
[Old version datasheet]   TLV61224 Single-Cell, High-Efficient, Step-Up Converter in 6-Pin SC-70 Package
TLV61220 TI1-TLV61220 Datasheet
1Mb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
TLV61220 TI-TLV61220_15 Datasheet
1Mb / 24P
[Old version datasheet]   TLV61220 Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
logo
Advanced Analogic Techn...
AAT1265_0606 ANALOGICTECH-AAT1265_0606 Datasheet
390Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
AAT1265 ANALOGICTECH-AAT1265 Datasheet
382Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
AAT1265 ANALOGICTECH-AAT1265_07 Datasheet
339Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com