Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62130RGTT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62130RGTT
Description  3-17V 3A Step-Down Converter in 3x3 QFN Package
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62130RGTT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62130RGTT Datasheet HTML 7Page - Texas Instruments TPS62130RGTT Datasheet HTML 8Page - Texas Instruments TPS62130RGTT Datasheet HTML 9Page - Texas Instruments TPS62130RGTT Datasheet HTML 10Page - Texas Instruments TPS62130RGTT Datasheet HTML 11Page - Texas Instruments TPS62130RGTT Datasheet HTML 12Page - Texas Instruments TPS62130RGTT Datasheet HTML 13Page - Texas Instruments TPS62130RGTT Datasheet HTML 14Page - Texas Instruments TPS62130RGTT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
180.0
200.0
0.0
3.0
6.0
9.0
12.0
15.0
18.0 20.0
−40°C
−10°C
25°C
85°C
125°C
Input Voltage (V)
G001
0.0
20.0
40.0
60.0
80.0
100.0
0.0
3.0
6.0
9.0
12.0
15.0
18.0 20.0
−40°C
−10°C
25°C
85°C
125°C
Input Voltage (V)
G001
0
0.01
0.02
0.03
0.04
0.05
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
VIN=5V
VIN=12V
VIN=17V
Output Current (A)
VOUT=3.3V,
L=2.2uH (XFL4020)
Cout=22uF
G000
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
4
5
6
7
8
9
10
11
12
13
14
15
16
17
−40°C
25°C
85°C
Input Voltage (V)
VOUT=3.3V
L=2.2uH (XFL4020)
Cout=22uF
G000
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
VIN=5V
VIN=12V
VIN=17V
Frequency (Hz)
VOUT=3.3V, IOUT=1A
L=2.2uH (XFL4020)
Cin=10uF, Cout=22uF
G000
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
VIN=5V
VIN=12V
VIN=17V
Frequency (Hz)
VOUT=3.3V, IOUT=0.1A
L=2.2uH (XFL4020)
Cin=10uF, Cout=22uF
G000
TPS62130
TPS62131, TPS62132, TPS62133
www.ti.com
SLVSAG7
– NOVEMBER 2011
STATIC DRAIN-SOURCE-RESISTANCE (RDSon)
STATIC DRAIN-SOURCE-RESISTANCE (RDSon)
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 23. High-Side Switch Resistance
Figure 24. Low-Side Switch Resistance
OUTPUT VOLTAGE
OUTPUT CURRENT
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 25. Output Voltage Ripple
Figure 26. Maximum Output Current
POWER SUPPLY REJECTION RATIO
POWER SUPPLY REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 27. Power Supply Rejection Ratio, fSW=2.5MHz
Figure 28. Power Supply Rejection Ratio, fSW=2.5MHz
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS62130 TPS62131 TPS62132 TPS62133


Similar Part No. - TPS62130RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130RGTT TI1-TPS62130RGTT Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
More results

Similar Description - TPS62130RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130 TI1-TPS62130_13 Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130_14 Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI-TPS62130_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6213x 3V-17V 3A Step-Down Converter In 3x3 QFN Package
TPS62150 TI1-TPS62150 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62150 TI1-TPS62150_13 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62140 TI-TPS62140_13 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
logo
Richtek Technology Corp...
RT7257E RICHTEK-RT7257E Datasheet
225Kb / 15P
   3A, 17V, 340kHz Synchronous Step-Down Converter
RT7253A RICHTEK-RT7253A Datasheet
192Kb / 14P
   3A, 17V, 340kHz Synchronous Step-Down Converter
RT7256B RICHTEK-RT7256B Datasheet
224Kb / 14P
   3A, 17V, 1.2MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com