Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62171DSGR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62171DSGR
Description  3-17V 0.5A Step-Down Converter with DCS-ControlTM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62171DSGR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62171DSGR Datasheet HTML 3Page - Texas Instruments TPS62171DSGR Datasheet HTML 4Page - Texas Instruments TPS62171DSGR Datasheet HTML 5Page - Texas Instruments TPS62171DSGR Datasheet HTML 6Page - Texas Instruments TPS62171DSGR Datasheet HTML 7Page - Texas Instruments TPS62171DSGR Datasheet HTML 8Page - Texas Instruments TPS62171DSGR Datasheet HTML 9Page - Texas Instruments TPS62171DSGR Datasheet HTML 10Page - Texas Instruments TPS62171DSGR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
CIN
VIN
TPS62170
VIN
EN
GND
PGND
SW
VOS
PG
FB
COUT
2.2µH
R1
R2
R3
VOUT
TPS62170, TPS62171
TPS62172, TPS62173
www.ti.com
SLVSAT8A – NOVEMBER 2011 – REVISED APRIL 2012
PARAMETER MEASUREMENT INFORMATION
List of Components
REFERENCE
DESCRIPTION
MANUFACTURER
IC
17V, 1A Step-Down Converter, WSON
TPS62170DSG, Texas Instruments
L1
2.2uH, 1.4A, 3 x 2.8 x 1.2 mm
VLF3012ST-2R2M1R4, TDK
Cin
10µF, 25V, Ceramic
Standard
Cout
22µF, 6.3V, Ceramic
Standard
R1
depending on Vout
R2
depending on Vout
R3
100k
Ω, Chip, 0603, 1/16W, 1%
Standard
spacing
spacing
Figure 4. Measurement Setup
spacing
TYPICAL CHARACTERISTICS
Table of Graphs
DESCRIPTION
FIGURE
Efficiency
vs Output Current, vs Input Voltage
5 - 12
vs Output current (Load regulation)
13
Output voltage
vs Input Voltage (Line regulation)
14
vs Input Voltage
15
Switching Frequency
vs Output Current
16
Quiescent Current
vs Input Voltage
17
Shutdown Current
vs Input Voltage
18
Power FET RDS(on)
vs Input Voltage (High-Side, Low-Side)
19, 20
Output Voltage Ripple
vs output Current
21
Maximum Output Current
vs Input Voltage
22
PWM-PSM-PWM Mode Transition
23, 24
Load Transient Response
25 - 28
Waveforms
Startup
29, 30
Typical Power Save Mode Operation
31
Typical PWM Mode Operation
32
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62170 TPS62171 TPS62172 TPS62173


Similar Part No. - TPS62171DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62171DSGR TI1-TPS62171DSGR Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
More results

Similar Description - TPS62171DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TPS62160 TI1-TPS62160 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160 TI1-TPS62160_14 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TLV62150ARGTR TI-TLV62150ARGTR Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150_14 Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150 Datasheet
1Mb / 31P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control?
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TPS62150A-Q1 TI-TPS62150A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6215xA-Q1 3V to 17-V 1A Step-Down Converter with DCS-ControlTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com