Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62172DSGR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62172DSGR
Description  3-17V 0.5A Step-Down Converter with DCS-ControlTM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62172DSGR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62172DSGR Datasheet HTML 5Page - Texas Instruments TPS62172DSGR Datasheet HTML 6Page - Texas Instruments TPS62172DSGR Datasheet HTML 7Page - Texas Instruments TPS62172DSGR Datasheet HTML 8Page - Texas Instruments TPS62172DSGR Datasheet HTML 9Page - Texas Instruments TPS62172DSGR Datasheet HTML 10Page - Texas Instruments TPS62172DSGR Datasheet HTML 11Page - Texas Instruments TPS62172DSGR Datasheet HTML 12Page - Texas Instruments TPS62172DSGR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.0001
0.001
0.01
0.1
1
VIN=5V
VIN=12V
VIN=17V
Output Current (A)
VOUT=0.9V
L=2.2uH (VLF3012ST)
Cout=22uF
G001
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17
IOUT=1mA
IOUT=10mA
IOUT=100mA
IOUT=500mA
Input Voltage (V)
VOUT=0.9V
L=2.2uH (VLF3012ST)
Cout=22uF
G001
3.20
3.25
3.30
3.35
0.0001
0.001
0.01
0.1
1
VIN=5V
VIN=12V
VIN=17V
Output Current (A)
VOUT=3.3V
L=2.2uH (VLF3012ST)
Cout=22uF
G001
3.20
3.25
3.30
3.35
4
7
10
13
16
IOUT=1mA
IOUT=10mA
IOUT=100mA
IOUT=500mA
Input Voltage (V)
VOUT=3.3V
L=2.2uH (VLF3012ST)
Cout=22uF
G001
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.1
0.2
0.3
0.4
0.5
Output Current (A)
VIN=12V, VOUT=3.3V
L=2.2uH (VLF3012ST)
G000
0
0.5
1
1.5
2
2.5
3
3.5
4
4
6
8
10
12
14
16
18
IOUT=0.5A
Input Voltage (V)
VOUT=3.3V
L=2.2uH (VLF3012ST)
Cout=22uF
G000
TPS62170, TPS62171
TPS62172, TPS62173
www.ti.com
SLVSAT8A – NOVEMBER 2011 – REVISED APRIL 2012
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 11. Vout=0.9V
Figure 12. Vout=0.9V
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 13. Output Voltage Accuracy (Load Regulation)
Figure 14. Output Voltage Accuracy (Line Regulation)
SWITCHING FREQUENCY
SWITCHING FREQUENCY
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 15. Switching Frequency
Figure 16. Switching Frequency
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS62170 TPS62171 TPS62172 TPS62173


Similar Part No. - TPS62172DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62172DSGR TI1-TPS62172DSGR Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
More results

Similar Description - TPS62172DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TPS62160 TI1-TPS62160 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160 TI1-TPS62160_14 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TLV62150ARGTR TI-TLV62150ARGTR Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150_14 Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150 Datasheet
1Mb / 31P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control?
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TPS62150A-Q1 TI-TPS62150A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6215xA-Q1 3V to 17-V 1A Step-Down Converter with DCS-ControlTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com