Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS63036YFG Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS63036YFG
Description  HIGH-EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER In Tiny WCSP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63036YFG Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS63036YFG Datasheet HTML 3Page - Texas Instruments TPS63036YFG Datasheet HTML 4Page - Texas Instruments TPS63036YFG Datasheet HTML 5Page - Texas Instruments TPS63036YFG Datasheet HTML 6Page - Texas Instruments TPS63036YFG Datasheet HTML 7Page - Texas Instruments TPS63036YFG Datasheet HTML 8Page - Texas Instruments TPS63036YFG Datasheet HTML 9Page - Texas Instruments TPS63036YFG Datasheet HTML 10Page - Texas Instruments TPS63036YFG Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Output Current - mA
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
V =2.4V V
=3.3V
IN
OUT
V =3.6V V
=3.3V
IN
OUT
Output Current - mA
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
V =2.4V V
=3.3V
IN
OUT
V =3.6V V
=3.3V
IN
OUT
Output Current - mA
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
V =3.6V V
=4.5V
IN
OUT
V
IN
V =2.4V V
=4.5V
IN
OUT
V =2.
IN
V =3.6V V
=2.5V
IN
OUT
V =3.6V V
=
IN
OUT
V =2.4V V
=2.5V
IN
OUT
V =
IN
Output Current - mA
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
V =2.4V V
=4.5V
IN
OUT
V =3.6V V
=4.5V
IN
OUT
V =3.6V V
=2.5V
IN
OUT
V =2.4V V
=2.5V
IN
OUT
TPS63036
www.ti.com
SLVSB76 – AUGUST 2012
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 5.
Figure 6.
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 7.
Figure 8.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS63036


Similar Part No. - TPS63036YFG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63036 TI-TPS63036_15 Datasheet
1Mb / 22P
[Old version datasheet]   TPS63036 High-Efficiency Single Inductor Buck-Boost Converter in Tiny WCSP
More results

Similar Description - TPS63036YFG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63036 TI-TPS63036_15 Datasheet
1Mb / 22P
[Old version datasheet]   TPS63036 High-Efficiency Single Inductor Buck-Boost Converter in Tiny WCSP
logo
Richtek Technology Corp...
RT6154A RICHTEK-RT6154A Datasheet
169Kb / 15P
   High Efficiency Single Inductor Buck-Boost Converter
logo
Texas Instruments
TPS63020-Q1 TI1-TPS63020-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Q1 High Efficiency Single Inductor Buck-Boost Converter
TPS63805 TI1-TPS63805 Datasheet
559Kb / 21P
[Old version datasheet]   High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS63805 TI1-TPS63805_18 Datasheet
560Kb / 22P
[Old version datasheet]   High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS63024 TI1-TPS63024 Datasheet
2Mb / 29P
[Old version datasheet]   High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS630250 TI1-TPS630250_16 Datasheet
3Mb / 30P
[Old version datasheet]   High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS63027 TI1-TPS63027 Datasheet
739Kb / 23P
[Old version datasheet]   High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS630250 TI-TPS630250_15 Datasheet
3Mb / 30P
[Old version datasheet]   TPS63025x High Current, High Efficiency Single Inductor Buck-Boost Converter
logo
Monolithic Power System...
MP28163 MPS-MP28163 Datasheet
1Mb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com