Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4001G Datasheet(PDF) 1 Page - Shanghai Sunrise Electronics

Part # 1N4001G
Description  GLASS PASSIVATED JUNCTION RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics

1N4001G Datasheet(HTML) 1 Page - Shanghai Sunrise Electronics

  1N4001G Datasheet HTML 1Page - Shanghai Sunrise Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHANGHAI SUNRISE ELECTRONICS CO., LTD.
VOLTAGE: 50 TO 1000V CURRENT: 1.0A
FEATURES
• Molded case feature for auto insertion
• Glass passivated chip
• High current capability
• Low leakage current
• High surge capability
• High temperature soldering guaranteed:
250
oC/10sec/0.375"(9.5mm) lead length
at 5 lbs tension
MECHANICAL DATA
• Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
• Case: Molded with UL-94 Class V-O
recognized flame retardant epoxy
• Polarity: Color band denotes cathode
• Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SYMBOL
1N40
01G
1N40
02G
1N40
03G
1N40
04G
1N40
05G
1N40
06G
1N40
07G
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
(9.5mm lead length, at Ta=75
oC)
Peak Forward Surge Current (8.3ms single
half sine-wave superimposed on rated load)
Maximum Instantaneous Forward Voltage
(at rated forward current)
Maximum DC Reverse Current
Ta=25
oC
µA
(at rated DC blocking voltage)
Ta=100
oC
µA
Typical Junction Capacitance
(Note 1)
CJ
pF
Typical Thermal Resistance
(Note 2)
Rθ(ja)
oC/W
Storage and Operation Junction Temperature
TSTG,TJ
oC
Note:
1.Measured at 1.0 MHz and applied voltage of 4.0Vdc
2.Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C. board mounted
http://www.sse-diode.com
IFSM
30.0
A
V
IR
5.0
50
VF
1.1
-65 to +150
15.0
50.0
1N4001G THRU 1N4007G
GLASS PASSIVATED
JUNCTION RECTIFIER
IF(AV)
1.0
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25
oC, unless otherwise stated, for capacitive load,
derate current by 20%)
RATINGS
A
TECHNICAL
SPECIFICATION
DO - 41
Dimensions in inches and (millimeters)


Similar Part No. - 1N4001G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4001G PHILIPS-1N4001G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4001G CHENDA-1N4001G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Gulf Semiconductor
1N4001G GULFSEMI-1N4001G Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERVOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
List of Unclassifed Man...
1N4001G ETC-1N4001G Datasheet
143Kb / 2P
   GLASS PASSIVATED RECTIFIER
1N4001G ETC1-1N4001G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results

Similar Description - 1N4001G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
G2A GE-G2A Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
   Glass Passivated Junction Rectifier
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
6A05G GOOD-ARK-6A05G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
1N4245GP GE-1N4245GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5059 GE-1N5059 Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A_09 Datasheet
66Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 03-Nov-09
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com