Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV125ATPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV125ATPWR
Description  QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV125ATPWR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV125ATPWR Datasheet HTML 1Page - Texas Instruments SN74LV125ATPWR Datasheet HTML 2Page - Texas Instruments SN74LV125ATPWR Datasheet HTML 3Page - Texas Instruments SN74LV125ATPWR Datasheet HTML 4Page - Texas Instruments SN74LV125ATPWR Datasheet HTML 5Page - Texas Instruments SN74LV125ATPWR Datasheet HTML 6Page - Texas Instruments SN74LV125ATPWR Datasheet HTML 7Page - Texas Instruments SN74LV125ATPWR Datasheet HTML 8Page - Texas Instruments SN74LV125ATPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OE
1A
1Y
2OE
2A
2Y
GND
VCC
4OE
4A
4Y
3OE
3A
3Y
D, DB, NS, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
4OE
4A
4Y
3OE
3A
1A
1Y
2OE
2A
2Y
DESCRIPTION/ORDERING INFORMATION
SN74LV125AT
QUADRUPLE BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SCES629A – MAY 2005 – REVISED AUGUST 2005
Inputs Are TTL-Voltage Compatible
I
off Supports Partial-Power-Down Mode
Operation
4.5-V to 5.5-V V
CC Operation
Latch-Up Performance Exceeds 250 mA Per
Typical t
pd of 3.8 ns at 5 V
JESD 17
Typical V
OLP (Output Ground Bounce)
ESD Protection Exceeds JESD 22
<0.8 V at V
CC = 5 V, TA = 25°C
– 2000-V Human-Body Model (A114-A)
Typical V
OHV (Output VOH Undershoot)
>2.3 V at V
CC = 5 V, TA = 25°C
– 200-V Machine Model (A115-A)
Support Mixed-Mode Voltage Operation on All
– 1000-V Charged-Device Model (C101)
Ports
XXXX
XXXX
The SN74LV125AT is a quadruple bus buffer gate. This device features independent line drivers with 3-state
outputs. Each output is disabled when the associated output-enable (OE) input is high.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGY
Reel of 1000
SN74LV125ATRGYR
VV125
Tube of 50
SN74LV125ATD
SOIC – D
Reel of 2500
SN74LV125ATDR
Tube of 50
SN74LV125ATNS
SOP – NS
Reel of 2000
SN74LV125ATNSR
–40
°C to 85°C
Tube of 80
SN74LV125ATDB
LV125AT
SSOP – DB
Reel of 2000
SN74LV125ATDBR
Tube of 90
SN74LV125ATPW
TSSOP – PW
Reel of 2000
SN74LV125ATPWR
Reel of 250
SN74LV125ATPWT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LV125ATPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV125A TI-SN74LV125A Datasheet
129Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV125A TI-SN74LV125A Datasheet
806Kb / 19P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES
SN74LV125A TI-SN74LV125A Datasheet
779Kb / 21P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125AD TI-SN74LV125AD Datasheet
129Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LV125ATPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A-EP TI1-SN74LVC125A-EP Datasheet
530Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A TI-SN74LVC125A_07 Datasheet
1Mb / 46P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74ABT125Q-Q1 TI1-SN74ABT125Q-Q1 Datasheet
152Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC126A-Q1 TI1-SN74LVC126A-Q1 Datasheet
227Kb / 10P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74F126 TI-SN74F126 Datasheet
66Kb / 5P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com