Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV4051ATDREP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4051ATDREP
Description   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV4051ATDREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LV4051ATDREP Datasheet HTML 4Page - Texas Instruments SN74LV4051ATDREP Datasheet HTML 5Page - Texas Instruments SN74LV4051ATDREP Datasheet HTML 6Page - Texas Instruments SN74LV4051ATDREP Datasheet HTML 7Page - Texas Instruments SN74LV4051ATDREP Datasheet HTML 8Page - Texas Instruments SN74LV4051ATDREP Datasheet HTML 9Page - Texas Instruments SN74LV4051ATDREP Datasheet HTML 10Page - Texas Instruments SN74LV4051ATDREP Datasheet HTML 11Page - Texas Instruments SN74LV4051ATDREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SN74LV4051AEP
8CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
SCLS501D − MAY 2003 − REVISED MAY 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
CL
VCC
VI
VO
TEST CIRCUIT
tPLZ
50%
VOLTAGE WAVEFORMS
1 k
VOL + 0.3 V
S1
S2
tPZH
tPHZ
50%
50%
50%
tPLZ/tPZL
tPHZ/tPZH
GND
VCC
TEST
S1
S2
VCC
GND
tPZL
50%
VCC
VO
50%
0 V
VOL
VINH
(tPZL, tPZH)
(tPLZ, tPHZ)
VCC
VO
0 V
VOL
VINH
VCC
0 V
VOH
VCC
0 V
≈0 V
VOH
VOH − 0.3 V
≈0 V
≈VCC
≈VCC
VINH
50
GND
VCC
Figure 5. Switching Time (tPZL, tPLZ, tPZH, tPHZ), Control to Signal Output
VO
VCC
50
fin
VINH = GND
0.1
µF
VI
VCC
GND
(ON)
RL
CL
NOTE A: fin is a sine wave.
VCC/2
Figure 6. Frequency Response (Switch On)


Similar Part No. - SN74LV4051ATDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4051ATDRQ1 TI-SN74LV4051ATDRQ1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74LV4051ATDRQ1 TI-SN74LV4051ATDRQ1 Datasheet
1Mb / 18P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com