Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV4051ATPWREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4051ATPWREP
Description   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV4051ATPWREP Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV4051ATPWREP Datasheet HTML 1Page - Texas Instruments SN74LV4051ATPWREP Datasheet HTML 2Page - Texas Instruments SN74LV4051ATPWREP Datasheet HTML 3Page - Texas Instruments SN74LV4051ATPWREP Datasheet HTML 4Page - Texas Instruments SN74LV4051ATPWREP Datasheet HTML 5Page - Texas Instruments SN74LV4051ATPWREP Datasheet HTML 6Page - Texas Instruments SN74LV4051ATPWREP Datasheet HTML 7Page - Texas Instruments SN74LV4051ATPWREP Datasheet HTML 8Page - Texas Instruments SN74LV4051ATPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN74LV4051AEP
8CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
SCLS501D − MAY 2003 − REVISED MAY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Extended Temperature Performance of
−40
°C to 105°C
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product-Change Notification
D Qualification Pedigree
D 2-V to 5.5-V VCC Operation
D Supports Mixed-Mode Voltage Operation on
All Ports
D High On-Off Output-Voltage Ratio
D Low Crosstalk Between Switches
† Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
D Individual Switch Controls
D Extremely Low Input Current
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
This 8-channel CMOS analog multiplexer/demultiplexer is designed for 2-V to 5.5-V VCC operation.
The SN74LV4051A handles both analog and digital signals. Each channel permits signals with amplitudes up
to 5.5 V (peak) to be transmitted in either direction.
Applications include signal gating, chopping, modulation or demodulation (modem), and signal multiplexing for
analog-to-digital and digital-to-analog conversion systems.
ORDERING INFORMATION
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC − D
Tape and reel
SN74LV4051ATDREP
LV4051ATEP
−40
°C to 105°C
SOIC − DW
Tape and reel
SN74LV4051ATDWREP§
LV4051ATEP
−40 C to 105 C
TSSOP − PW
Tape and reel
SN74LV4051ATPWREP
L4051EP
‡ Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
§ Product Preview.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Y4
Y6
COM
Y7
Y5
INH
GND
GND
VCC
Y2
Y1
Y0
Y3
A
B
C
D, DW, OR PW PACKAGE
(TOP VIEW)


Similar Part No. - SN74LV4051ATPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4051ATPWRQ1 TI-SN74LV4051ATPWRQ1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74LV4051ATPWRQ1 TI-SN74LV4051ATPWRQ1 Datasheet
1Mb / 18P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com