Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65200YFFT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65200YFFT
Description  LI BATTERY CHARGER WITH WLED DRIVER AND CURRENT SHUNT MONITOR
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65200YFFT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65200YFFT Datasheet HTML 2Page - Texas Instruments TPS65200YFFT Datasheet HTML 3Page - Texas Instruments TPS65200YFFT Datasheet HTML 4Page - Texas Instruments TPS65200YFFT Datasheet HTML 5Page - Texas Instruments TPS65200YFFT Datasheet HTML 6Page - Texas Instruments TPS65200YFFT Datasheet HTML 7Page - Texas Instruments TPS65200YFFT Datasheet HTML 8Page - Texas Instruments TPS65200YFFT Datasheet HTML 9Page - Texas Instruments TPS65200YFFT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
TPS65200
SLVSA48 – APRIL 2010
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1) (2)
VALUE
UNIT
Supply voltage range (with respect to PGND)
VBUS
-2 to 20
V
SDA, SCL, DM, DP, SWL,
VZERO, VSHRT, CSIN, CSOUT,
-0.3 to 7
CSOT, LDO, INT, OTG, VSYS,
VSHNT, VDD, VIO, BAT, CTRL
PMID, STAT
-0.3 to 20
Input/Output voltage range (with respect to PGND)
V
VDD
6.5
SWC, BOOT
-0.7 to 20
FB,COMP
-0.3 to 3
SWL
-0.3 to 44
Voltage difference between CSIN and CSOUT inputs (VCSIN -VCSOUT)
± 7
V
Output current (average)
SWC
1.5
A
Output current (continuous)
LDO
100
mA
JEDEC 4 layer high-K board
100
qJA
Junction-to-ambient thermal resistance
°C/W
8 layer board, 1/3 Oz Cu, one
60
solid ground plane
TA
Operating ambient temperature range
-40 to 85
°C
TJ
Max operating junction temperature
150
°C
TC
Max operating case temperature
150
°C
Tstg Storage temperature
-65 to 150
°C
(HBM) Human body model
±2000
ESD rating
V
(CDM) Charged device model
±500
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VBUS
Supply voltage
4
6
V
SWL
Output voltage
VBAT
39
V
RECOMMENDED EXTERNAL COMPONENTS
over operating free-air temperature range (unless otherwise noted)
PART NO.
VALUE
SIZE
MANUFACTURER
CHARGER INDUCTOR
NR3012T1R0N
1 µH
3 x 3 x 1.2
Taiyo Yuden
CPL2512T1R0M
1 µH
2.5 x 1.5 x 1.2
TDK
MDT2520CN
1 µH
TOKO
WLED BOOST INDUCTOR
ELL-VGG100M
10 µH
3 x 3 x 1.5
Panasonic
VLF4010ST-100MR80
10 µH
4.3 x 4 x 1
TDK
1098AS-100M
10 µH
3 x 3.2 x 1.2
TOKO
WLED BOOST SCHOTTKY DIODE
MBR0540
SOD-123
ON-SEMI
ZHCS400
SOD-323
ZETEX
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS65200


Similar Part No. - TPS65200YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65200YFFT TI1-TPS65200YFFT Datasheet
2Mb / 63P
[Old version datasheet]   Li Battery Charger With WLED Driver and Current Shunt Monitor
More results

Similar Description - TPS65200YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65200 TI1-TPS65200_15 Datasheet
2Mb / 63P
[Old version datasheet]   Li Battery Charger With WLED Driver and Current Shunt Monitor
logo
Linear Technology
LTC4070 LINER-LTC4070 Datasheet
188Kb / 16P
   Li-Ion/Polymer Shunt Battery Charger System
LTC4070 LINER-LTC4070_15 Datasheet
224Kb / 16P
   Li-Ion/Polymer Shunt Battery Charger System
logo
Linear Integrated Syste...
LTC4071 LINEAR-LTC4071 Datasheet
247Kb / 18P
   Li-Ion/Polymer Shunt Battery Charger System with Low Battery Disconnect
logo
Linear Technology
LTC4071 LINER-LTC4071_15 Datasheet
247Kb / 18P
   Li-Ion/Polymer Shunt Battery Charger System with Low Battery Disconnect
logo
ACE Technology Co., LTD...
ACE517 ACE-ACE517 Datasheet
213Kb / 8P
   WLED Linear Driver for Li-lon Battery Application
VER 1.2
logo
List of Unclassifed Man...
PJ3963 ETC-PJ3963 Datasheet
175Kb / 4P
   Li-battery charger
logo
Micro Analog systems
MAS6260 MAS-MAS6260 Datasheet
364Kb / 9P
   Li-ion and LiPo battery charger with LDO
logo
Anpec Electronics Corop...
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
APL3202 ANPEC-APL3202 Datasheet
275Kb / 18P
   Li Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com