Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65217BRSL Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS65217BRSL
Description  SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65217BRSL Datasheet(HTML) 4 Page - Texas Instruments

  TPS65217BRSL Datasheet HTML 1Page - Texas Instruments TPS65217BRSL Datasheet HTML 2Page - Texas Instruments TPS65217BRSL Datasheet HTML 3Page - Texas Instruments TPS65217BRSL Datasheet HTML 4Page - Texas Instruments TPS65217BRSL Datasheet HTML 5Page - Texas Instruments TPS65217BRSL Datasheet HTML 6Page - Texas Instruments TPS65217BRSL Datasheet HTML 7Page - Texas Instruments TPS65217BRSL Datasheet HTML 8Page - Texas Instruments TPS65217BRSL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
TPS65217A, TPS65217B, TPS65217C
SLVSB64E – NOVEMBER 2011 – REVISED JULY 2012
www.ti.com
ORDERING INFORMATION(1)
TA
PACKAGE
ORDERABLE PART NUMBER(2)
TOP-SIDE MARKING
TPS65217ARSL
TPS65217A
-40°C to 105°C
RSL
TPS65217BRSL
TPS65217B
TPS65217CRSL
TPS65217C
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
The RSL package is available in tape and reel. Add R suffix (TPS65217xRSLR) to order quantities of 2500 parts per reel or suffix T
(TPS65217xRSLT) to order quantities of 250 parts per reel.
TPS65217A
TPS65217B
TPS65217C
(Targeted at AM335x - ZCE)
(Targeted at AM335x - ZCZ)
(Targeted at AM335x - ZCZ)
SEQUENCE
SEQUENCE
SEQUENCE
VOLTAGE (V)
VOLTAGE (V)
VOLTAGE (V)
(STROBE)
(STROBE)
(STROBE)
DCDC1
1.8
1
1.8
1
1.5
1
DCDC2
3.3
2
1.1
5
1.1
5
DCDC3
1.1
3
1.1
5
1.1
5
LDO1(1)
1.8
15
1.8
15
1.8
15
LDO2
3.3
2
3.3
2
3.3
3
LS1/LDO3
Load switch
1
3.3 (LDO, 200 mA)
3
1.8 (LDO, 400 mA)
2
LS2/LDO4
Load switch
4
3.3 (LDO, 200 mA)
4
3.3 (LDO, 400 mA)
4
(1)
Strobe 15 (LDO1) is the first rail to be enabled in a sequence, followed by strobe 1-7. See “Wake-Up and Power Up Sequencing”
section for details.
4
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS65217A TPS65217B TPS65217C


Similar Part No. - TPS65217BRSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217BRSL TI1-TPS65217BRSL Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217BRSLR TI1-TPS65217BRSLR Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217BRSLR TI-TPS65217BRSLR Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217BRSLR TI1-TPS65217BRSLR Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217BRSLT TI1-TPS65217BRSLT Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
More results

Similar Description - TPS65217BRSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com