Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65257 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65257
Description  4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTER WITH INTEGRATED FET, USB SWITCH AND PUSH BUTTON CONTROL
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65257 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65257 Datasheet HTML 1Page - Texas Instruments TPS65257 Datasheet HTML 2Page - Texas Instruments TPS65257 Datasheet HTML 3Page - Texas Instruments TPS65257 Datasheet HTML 4Page - Texas Instruments TPS65257 Datasheet HTML 5Page - Texas Instruments TPS65257 Datasheet HTML 6Page - Texas Instruments TPS65257 Datasheet HTML 7Page - Texas Instruments TPS65257 Datasheet HTML 8Page - Texas Instruments TPS65257 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
BUCK1
BUCK2
BUCK3
V3V
V7V
USB_VIN
CLOCK
ROSC
USB_SWITCH
+
VPULL
PG&RST
generator
VIN1
RLIM1
EN1
BST1
LX1
LX1
FB1
CMP1
BST2
LX2
LX2
FB2
CMP2
BST3
LX3
LX3
FB3
CMP3
PGOOD
USB_EN
USB_nFAULT
12V
SS1
VIN2
RLIM2
EN2
SS2
VIN3
RLIM3
EN3
SS3
VPULL
USB_VO
CV3P3
CV7
ROSC
CSS1
CSS2
CSS3
RILIM1
RILIM2
RILIM3
CUSB_0
CBST1
CBST2
CBST3
LDC1
LDC2
LDC3
RCMP1
CCMP1
RCMP2
CCMP2
RFB1U
RFB1L
RFB2U
RFB2L
RFB3U
RFB3L
CODC2
CODC3
CODC1
CIDC1
CIDC2
CIDC3
CUSB_IN
for sequenced
start-up
External enable
External enable
External enable
for sequenced
start-up
for sequenced
start-up
+
Low Power mode
Low Power mode
Low Power mode
CCMP22
CCMP11
USB supply
Biasing
-
+
PB_IN
Debounce
P_OFF
0.8V
0.8V
0.8V
1µA
1µA
1µA
INT
RCMP3
CCMP3
CCMP33
F_PWM
High for forced PWM
Low por autoamtic PFM/PWM mode
V3V
TPS65257
www.ti.com
SLVSB32
– SEPTEMBER 2011
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
FUNCTIONAL BLOCK DIAGRAM
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS65257


Similar Part No. - TPS65257

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65257 TI-TPS65257_15 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTER WITH INTEGRATED FET, USB SWITCH AND PUSH BUTTON CONTROL
More results

Similar Description - TPS65257

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65257 TI-TPS65257_15 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTER WITH INTEGRATED FET, USB SWITCH AND PUSH BUTTON CONTROL
TPS65288 TI1-TPS65288 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter with Integrated FET
TPS652510 TI-TPS652510_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS652510 TI1-TPS652510 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS65258 TI1-TPS65258 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET AND 2 USB SWITCHES
TPS65287 TI1-TPS65287 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
TPS65252 TI-TPS65252_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK SWITCHER WITH INTEGRATED FET AND ONE USB SWITCH AND SVS
TPS65252 TI1-TPS65252 Datasheet
924Kb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK SWITCHER WITH INTEGRATED FET AND ONE USB SWITCH AND SVS
TPS65253 TI-TPS65253_15 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK CONVERTER WITH INTEGRATED FETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com