Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65257RHAR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65257RHAR
Description  4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTER WITH INTEGRATED FET, USB SWITCH AND PUSH BUTTON CONTROL
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65257RHAR Datasheet(HTML) 1 Page - Texas Instruments

  TPS65257RHAR Datasheet HTML 1Page - Texas Instruments TPS65257RHAR Datasheet HTML 2Page - Texas Instruments TPS65257RHAR Datasheet HTML 3Page - Texas Instruments TPS65257RHAR Datasheet HTML 4Page - Texas Instruments TPS65257RHAR Datasheet HTML 5Page - Texas Instruments TPS65257RHAR Datasheet HTML 6Page - Texas Instruments TPS65257RHAR Datasheet HTML 7Page - Texas Instruments TPS65257RHAR Datasheet HTML 8Page - Texas Instruments TPS65257RHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TPS65257
www.ti.com
SLVSB32
– SEPTEMBER 2011
4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC
CONVERTER WITH INTEGRATED FET, USB SWITCH AND PUSH BUTTON CONTROL
Check for Samples: TPS65257
1
FEATURES
Current-Mode Control With Simple
Compensation Circuit
Wide Input Supply Voltage Range:
Automatic Low Pulse Skipping (PSM) Power
4.5 V - 16 V
Mode, Allowing for an Output Ripple Better
0.8-V, 1% Accuracy Reference
than 2%
Continuous Loading:
Support Pre-Biased Outputs
3 A (Buck1), 2 A (Buck2 and 3)
Power Good Supervisor and Reset Generator
Maximum Current:
1-A USB Power Switch With Overcurrent and
3.5 A (Buck 1), 2.5 A (Buck2 and 3)
Thermal Protection
Synchronous Operation, 300-kHz
– 2.2-MHz
Push Button (10-kV ESD Rated Pin for PB_IN)
Switching Frequency Set By External Resistor
Control for Intelligent System
External Enable Pins With Built-In Current
Power-On/Power-Off Operation
Source for Easy Sequencing
Small, Thermally Efficient 40-Pin 6-mm x 6-mm
External Soft Start Pins
RHA (QFN) package
Adjustable Cycle-by-Cycle Current Limit Set
-40
°C to 125°C Junction Temperature Range
by External Resistor
DESCRIPTION/ORDERING INFORMATION
TPS65257 is a power management IC with three step-down buck converters. Both high-side and low-side
MOSFETs are integrated to provide fully synchronous conversion with higher efficiency. The converters are
designed to simplify its application while giving the designer the option to optimize their usage according to the
target application.
The converters can operate in 5-, 9-, 12- or 15-V systems. The output voltage can be set externally using a
resistor divider to any value between 0.8 V and the input supply minus the resistive drops on the converter path.
Each converter features enable pin that allows a delayed start-up for sequencing purposes, soft start pin that
allows adjustable soft-start time by choosing the soft-start capacitor, and a current limit (RLIM) pin that enables
designer to adjust current limit by selecting an external resistor and optimize the choice of inductor. All converters
operate in
‘hiccup mode’: Once an over-current lasting more than 10 ms is sensed in any of the converters, they
will shut down for 10 ms and then the start-up sequencing will be tried again. If the overload has been removed,
the converter will ramp up and operate normally. If this is not the case the converter will see another over-current
event and shuts down again repeating the cycle (hiccup) until the failure is cleared. If an overload condition lasts
for less than 10 ms, only the relevant converter affected will shut-down and re-start and no global hiccup mode
will occur.
The switching frequency of the converters is set by an external resistor connected to ROSC pin. The switching
regulators are designed to operate from 300 kHz to 2.2 MHz. The converters operate with 180
° phase between
then to minimize the input filter requirements.
All converters have peak current mode control which simplifies external frequency compensation. The device has
a built-in slope compensation ramp. The slope compensation can prevent sub harmonic oscillations in peak
current mode control. A traditional type II compensation network can stabilize the system and achieve fast
transient response. Moreover, an optional capacitor in parallel with the upper resistor of the feedback divider
provides one more zero and makes the crossover frequency over 100 kHz.
All converters feature an automatic low power pulse PFM skipping mode which improves efficiency during light
loads and standby operation, while guaranteeing a very low output ripple, allowing for a value of less than 2% at
low output voltages.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS65257RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65257 TI-TPS65257_15 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTER WITH INTEGRATED FET, USB SWITCH AND PUSH BUTTON CONTROL
More results

Similar Description - TPS65257RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65257 TI-TPS65257_15 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTER WITH INTEGRATED FET, USB SWITCH AND PUSH BUTTON CONTROL
TPS65288 TI1-TPS65288 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter with Integrated FET
TPS652510 TI-TPS652510_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS652510 TI1-TPS652510 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS65258 TI1-TPS65258 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET AND 2 USB SWITCHES
TPS65287 TI1-TPS65287 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
TPS65252 TI-TPS65252_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK SWITCHER WITH INTEGRATED FET AND ONE USB SWITCH AND SVS
TPS65252 TI1-TPS65252 Datasheet
924Kb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK SWITCHER WITH INTEGRATED FET AND ONE USB SWITCH AND SVS
TPS65253 TI-TPS65253_15 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK CONVERTER WITH INTEGRATED FETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com