Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65270RGET Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65270RGET
Description  4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65270RGET Datasheet(HTML) 5 Page - Texas Instruments

  TPS65270RGET Datasheet HTML 1Page - Texas Instruments TPS65270RGET Datasheet HTML 2Page - Texas Instruments TPS65270RGET Datasheet HTML 3Page - Texas Instruments TPS65270RGET Datasheet HTML 4Page - Texas Instruments TPS65270RGET Datasheet HTML 5Page - Texas Instruments TPS65270RGET Datasheet HTML 6Page - Texas Instruments TPS65270RGET Datasheet HTML 7Page - Texas Instruments TPS65270RGET Datasheet HTML 8Page - Texas Instruments TPS65270RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TPS65270
www.ti.com
SLVSAX7C – AUGUST 2011 – REVISED APRIL 2012
TERMINAL FUNCTIONS
NO.
NO.
NAME
DESCRIPTION
(HTSSOP)
(QFN)
Enable for Buck 1. Logic high enables the Buck 1; Logic low disables
Buck 1. If pin is left open a weak internal pull-up to V5V will allow for
EN1
1
16
automatic enable; For a delayed start-up add a small ceramic capacitor
from this pin to ground.
Feedback voltage for Buck 1. Connect a resistor divider to set 0.8 V from
FB1
2
17
the output of the converter to ground.
Soft start input for Buck 1. An internal 5-µA charging current is sourcing to
SS1
3
18
this pin. Connect a small ceramic capacitor to this pin to set the Buck 1
soft start time.
Loop compensation pin for Buck 1. Connect a series RC circuit to this pin
COMP1
4
19
to compensate the control loop of this converter.
Low power operation mode. With active high, Buck 1 and Buck 2 operate
LOW_P
5
20
at pulse skipping mode at light load; active low forces both Buck 1 and
Buck 2 to PWM mode; this pin can’t be left open.
Internal 6.5-V power supply bias. Connect a 10-µF ceramic capacitor from
VCC
6
21
this pin to ground.
AGND
7
22
Analog ground. Connect all GND pins and power pad together.
Oscillator frequency setup. Connect a resistor to ground to set the
ROSC
8
23
frequency of internal oscillator clock.
Loop compensation pin for Buck 2. Connect a series RC circuit to this pin
COMP2
9
24
to compensate the control loop of this converter.
Soft start input for Buck 2. An internal 5-µA charging current is sourcing to
SS2
10
1
this pin. Connect a small ceramic capacitor to this pin to set the Buck 1
soft start time.
Feedback voltage for Buck 2. Connect a resistor divider to set 0.8 V from
FB2
11
2
the output of the converter to ground.
Enable for Buck 2. Logic high enables the Buck 2. Logic low disables
Buck 2. If pin is left open a weak internal pull-up to V5V will allow for
EN2
12
3
automatic enable; For a delayed start-up add a small ceramic capacitor
from this pin to ground.
Bootstrapped power supply to high side floating gate driver in Buck 2.
BST2
13
4
Connect a 47-nF ceramic capacitor from this pin to the switching node pin
LX2.
Input supply for Buck 2. Connect a 10-µF ceramic capacitor close to this
VIN2
14
5
pin.
LX2
15, 16
6, 7
Switching node connecting to inductor for Buck 2.
GND
17, 18, 19, 20
8, 9, 10, 11
Power ground for Buck 1 and Buck 2.
LX1
21, 22
12, 13
Switching node connecting to inductor for Buck 1.
Input supply for Buck 1. Conne ct a 10-µF ceramic capacitor close to this
VIN1
23
14
pin.
Bootstrapped power supply to high side floating gate driver in Buck 1.
BST1
24
15
Connect a 47-nF ceramic capacitor from this pin to the switching node pin
LX1.
Must be soldered to PCB for optimal thermal performance. Have thermal
Thermal Pad
vias on the PCB to enhance power dissipation.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS65270


Similar Part No. - TPS65270RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
More results

Similar Description - TPS65270RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS568230 TI1-TPS568230 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 18-V input, 8-A synchronous step-down voltage regulator
TPS53511 TI-TPS53511_15 Datasheet
940Kb / 24P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS5403 TI-TPS5403 Datasheet
942Kb / 18P
[Old version datasheet]   4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS53511 TI1-TPS53511_17 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511 Datasheet
916Kb / 21P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511_V01 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com